Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC3403
Description  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3403 Datasheet(HTML) 6 Page - ON Semiconductor

  MC3403_12 Datasheet HTML 1Page - ON Semiconductor MC3403_12 Datasheet HTML 2Page - ON Semiconductor MC3403_12 Datasheet HTML 3Page - ON Semiconductor MC3403_12 Datasheet HTML 4Page - ON Semiconductor MC3403_12 Datasheet HTML 5Page - ON Semiconductor MC3403_12 Datasheet HTML 6Page - ON Semiconductor MC3403_12 Datasheet HTML 7Page - ON Semiconductor MC3403_12 Datasheet HTML 8Page - ON Semiconductor MC3403_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC3403, MC3303
http://onsemi.com
6
1
2
Figure 7. Input Bias Current
versus Temperature
Figure 8. Input Bias Current
versus Supply Voltage
T, TEMPERATURE (
°C)
-75
-55
-35
-15
5.0
25
45
65
85
105
125
100
200
300
VCC AND (VEE), POWER SUPPLY VOLTAGES (V)
0
2.0
4.0
6.0
8.0
10
12
14
16
18
20
150
160
170
Figure 9. Voltage Reference
Figure 10. Wien Bridge Oscillator
-
+
VCC
10 k
R1
R2
VO
VCC
10 k
VO =
VO =
VCC
R1
R1 +R2
1
2
1/2
MC3403
-
+
10 k
VO
VCC
50 k
5.0 k
R
C
C
R
Vref =
VCC
fo =
1
2
pRC
fo = 1.0 kHz
R = 16 k
W
C = 0.01
mF
1/2
MC3403
Vref
VCC = 15 V
VEE = -15 V
TA = 25°C
1N914
1N914
For:
1
C
1
C
Figure 11. High Impedance Differential
Amplifier
Figure 12. Comparator with Hysteresis
+
e1
e2
R
eo
R
b R1
R1
eo = C (1 +a +b) (e2 −e1)
1/2
MC3403
1/2
MC3403
1/2
MC3403
a R1
-
-
+
+
R
R
R1
R1 +R2
-
+
Vref
Vin
R1
R2
VO
VO
VOH
VOL
VinL
VinH
Vref
Hysteresis
VinL =
VinH =
Vh =
(VOL -Vref) +Vref
(VOH -Vref) +Vref
(VOH -VOL)
1/2
MC3403
R1
R1 +R2
R1
R1 +R2


Similar Part No. - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
STMicroelectronics
MC3403D STMICROELECTRONICS-MC3403D Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3403D TI-MC3403D Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
MC3403D FAIRCHILD-MC3403D Datasheet
84Kb / 10P
   Quad Operational Amplifier
logo
ON Semiconductor
MC3403D ONSEMI-MC3403D Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
More results

Similar Description - MC3403_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
MC3403 ONSEMI-MC3403_06 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com