Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-5200ZI-G3 Datasheet(PDF) 2 Page - Copal Electronics

Part # W-5200ZI-G3
Description  Low Noise Regulated
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-5200ZI-G3 Datasheet(HTML) 2 Page - Copal Electronics

  W-5200ZI-G3 Datasheet HTML 1Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 2Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 3Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 4Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 5Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 6Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 7Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 8Page - Copal Electronics W-5200ZI-G3 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
W-5200 5
2
VA = W-5200TDI-GT3
Y = Production Year (Last Digit)
M = Production Month (1-9, A, B, C or O, N, D)
R = Production Revision
MARKING DIAGRAMS
VAYM
Typical Application
Figure 1. Typical Application
5 V Output
GND
+
3.3 V
5V
100 mA
1 F
1 F
ON
OFF
IN
1 F
OUT
VIN
SHDN
CNEG
CPOS
VOUT
VOUT = 5 V
IOUT
50 mA, for VIN
2.8 V
IOUT
90 mA, for VIN
3 V
Table 1. PIN DESCRIPTIONS
Designation
Description
OUT
GND
SHDN
CNEG
IN
CPOS
Regulated output voltage.
Ground reference for all voltages.
Shutdown control logic input (Active LOW)
Negative connection for the flying capacitor.
Input power supply.
Positive connection for the flying capacitor. .
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
VIN, VOUT, SHDN, CNEG, CPOS Voltage
0.6 to +6.0
V
VOUT Short Circuit Duration
Indefinite
Output Current
200
mA
ESD Protection (HBM)
2000
V
Junction Temperature
150
C
Storage Temperature Range
65 to +160
C
Lead Soldering Temperature (10 sec)
300
C
Power Dissipation (SOT23 6)
0.3
W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-G3 COPAL-W-52TDI-G3 Datasheet
194Kb / 11P
CMOS White LED Driver
W-52TDI-GT COPAL-W-52TDI-GT Datasheet
194Kb / 11P
CMOS White LED Driver
More results

Similar Description - W-5200ZI-G3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
logo
Microchip Technology
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
Low Noise, Positive-Regulated Charge Pump
2002
logo
National Semiconductor ...
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
Low Noise Regulated Switched Capacitor Voltage
logo
List of Unclassifed Man...
KTPS200-12160-S ETC2-KTPS200-12160-S Datasheet
412Kb / 1P
Regulated Output with Low Ripple Noise
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
Low-Noise, Positive-Regulated Charge Pump
03/25/14
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Arch Electronics Corp.
AJC_SERIES ARCH-AJC_SERIES Datasheet
572Kb / 6P
Regulated Output and Low Ripple and Low Noise
logo
Linear Technology
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com