Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-52TDI-GT Datasheet(PDF) 2 Page - Copal Electronics

Part # W-52TDI-GT
Description  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52TDI-GT Datasheet(HTML) 2 Page - Copal Electronics

  W-52TDI-GT Datasheet HTML 1Page - Copal Electronics W-52TDI-GT Datasheet HTML 2Page - Copal Electronics W-52TDI-GT Datasheet HTML 3Page - Copal Electronics W-52TDI-GT Datasheet HTML 4Page - Copal Electronics W-52TDI-GT Datasheet HTML 5Page - Copal Electronics W-52TDI-GT Datasheet HTML 6Page - Copal Electronics W-52TDI-GT Datasheet HTML 7Page - Copal Electronics W-52TDI-GT Datasheet HTML 8Page - Copal Electronics W-52TDI-GT Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
W-52
2
Typical Application Circuit
Figure 1. Li Ion Driver for Four High Brightness White LEDs
15 mA
4
1.50 k
TSOT 23 Pin Numbers
6.8 H
2
3
1
6
5
SW
VIN
RSET
D1
C2
1 F
C1
4.7 F
VIN
2.7 V
to
4.2 V
PWM
DIMMING
CONTROL
W-52
LED
GND
L1
SHDN
C1: Taiyo Yuden JMK212BJ475
C2: Taiyo Yuden EMK212BJ105
D1: Zetez ZHCS400
L1: Sumida CLQ4D106R8
(Panasonic ELJEA6R8)
RSET
Table 1. PIN DESCRIPTION
Pin Number
SOT23
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch. For minimum EMI, min-
imize the trace area connected to this pin.
2
GND
Ground pin. Connect pin 2 to ground.
3
LED
LED (cathode) connection pin.
4
RSET
RESET pin. A resistor connected from pin 4 to ground sets the LED current. This
pin is also used to dim the LEDs.
5
SHDN
Shutdown pin.
6
VIN
Input supply pin. This pin should be bypassed with a capacitor to ground. A
4.7 F capacitor mounted close to the pin is recommended.


Similar Part No. - W-52TDI-GT

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

Similar Description - W-52TDI-GT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com