Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W-52 Datasheet(PDF) 1 Page - Copal Electronics

Part # W-52
Description  CMOS White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

W-52 Datasheet(HTML) 1 Page - Copal Electronics

  W-52 Datasheet HTML 1Page - Copal Electronics W-52 Datasheet HTML 2Page - Copal Electronics W-52 Datasheet HTML 3Page - Copal Electronics W-52 Datasheet HTML 4Page - Copal Electronics W-52 Datasheet HTML 5Page - Copal Electronics W-52 Datasheet HTML 6Page - Copal Electronics W-52 Datasheet HTML 7Page - Copal Electronics W-52 Datasheet HTML 8Page - Copal Electronics W-52 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NIDEC COPAL ELECTRONICS CORP.
, 20
Rev.
1
Publication Order Number:
W-52/
W-52
CMOS White LED Driver
Description
The W-52 is a DC/DC step up converter that delivers a regulated
output current. Operation at a constant switching frequency of
1.2 MHz allows the device to be used with very small value external
inductor and ceramic capacitors.
The W-52 is targeted to drive multiple white light emitting diodes
(LEDs) connected in series and provides the necessary regulated current
to control the brightness and the color purity. An external resistor RSET
controls the output current level. LED currents of up to 40 mA can be
supported over a wide range of input supply voltages from 2 V to 7 V,
making the device ideal for battery powered applications.
A high voltage output stage allows up to 4 White LEDs to be driven
in series. Series drive provides inherent current matching.
LED dimming can be done by using a DC voltage, a logic signal, or
a pulse width modulation (PWM) signal. The shutdown input pin
allows the device to be placed in power down mode with “near zero”
quiescent current.
In addition to overcurrent limiting protection, the device also
includes detection circuitry to ensure protection against open circuit
load fault conditions.
The device is available in a low profile (1 mm max height) 6 lead
TSOT 23 package.
Features
Low Quiescent Ground Current (0.5 mA Typical)
Power Efficiency Over 80%
Compatible Pinout with LT1932
Adjustable Output Current (up to 40 mA)
High Frequency 1.2 MHz Operation
Input Voltage Operation down to 2.0 V
Low Resistance (0.5
) High Voltage Power Switch
Drives up to 4 White LEDs in Series
Shutdown Current Less than 1 A
Load Fault Protection Against Open circuits
Low Value External Components
Low Profile (1 mm) TSOT 23 6 lead Package
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Color LCD and Keypad Backlighting
Cellular Phones
Handheld Terminals
Digital Cameras
PDAs/Games
Portable MP3 Players
TSOT 23
PIN CONNECTIONS
MARKING DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
W-52TDI
T3
TSOT 23
(Pb Free)
3,000/
Tape & Reel
VF = W-52TDI GT3
Y = Production Year (Last Digit)
M = Production Month (1 9, A, B, C or O, N, D)
(Top View)
VIN
RSET
SW
GND
LED
1
SHDN
TSOT 23
1 mm Maximum Height
JA = 250 C/W (free air)
VFYM
1
(Note 1)
1. NiPdAu Plated Finish (RoHS compliant).


Similar Part No. - W-52

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
W-5200-5 COPAL-W-5200-5 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-G3 COPAL-W-5200TDI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200TDI-GT COPAL-W-5200TDI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-G3 COPAL-W-5200ZI-G3 Datasheet
227Kb / 11P
   Low Noise Regulated
W-5200ZI-GT COPAL-W-5200ZI-GT Datasheet
227Kb / 11P
   Low Noise Regulated
More results

Similar Description - W-52

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
   CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
   CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
   CMOS White LED Driver
Doc. No. MD-5005 Rev. V
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
   CMOS White LED flashlight driver
logo
ELM Electronics
ELM900-SERIES ELM-ELM900-SERIES Datasheet
632Kb / 2P
   CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com