Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM20 Datasheet(PDF) 8 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 8 Page - Microchip Technology

Back Button BM20 Datasheet HTML 4Page - Microchip Technology BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology BM20 Datasheet HTML 10Page - Microchip Technology BM20 Datasheet HTML 11Page - Microchip Technology BM20 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 8
Preliminary Edition
BM23 pin diagram is shown in Figure 1-4. The pin descriptions are shown in Table 1-2
FIGURE 1-4: BM23 PIN DIAGRAM
TABLE 1‐2: BM23 PIN DESCRIPTION
Pin No.
Pin Type
Name
Description
1
I/O
P0_0
IO pin, default pull-high input (Note 1)
UART TX_IND
2
I/O
RFS0
I
2S interface: DAC Left/Right Clock
3
I/O
TFS0
I
2S interface: ADC Left/Right Clock
4
I/O
SLK0
I
2S interface: Bit Clock
5
I
DR0
I
2S interface: DAC Digital Left/Right Data
6
O
DT0
I
2S interface: ADC Digital Left/Right Data
7
I/O
P0_4
IO pin, default pull-high input
8
I
EAN
Embedded ROM/External Flash enable
High: ROM mode;
Low: External Flash mode
9
I
MIC1_P
Mic 1 mono differential analog positive input
10
I
MIC1_N
Mic 1 mono differential analog negative input
11
P
MIC_BIAS
Power output, microphone biasing voltage
12
P
VDDA
Power output, reserve for external cap to fine tune audio frequency
response, no need to add power to this pin
13
I
AIR
Stereo analog line in, R-channel
14
I
AIL
Stereo analog line in, L-channel


Similar Part No. - BM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20 ETC2-BM20 Datasheet
2Mb / 30P
   BM20 BLUETOOTH
BM201 ETC-BM201 Datasheet
285Kb / 1P
   GENERAL SPECIFICATIONS
logo
Sumida Corporation
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
   19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
logo
List of Unclassifed Man...
BM202 ETC-BM202 Datasheet
285Kb / 1P
   GENERAL SPECIFICATIONS
More results

Similar Description - BM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
   Bluetooth짰 4.1 Stereo Audio SOC
logo
Microchip Technology
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
   Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
   BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
   WT32 Bluetooth짰 Audio Module?
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
   Bluetooth Stereo Audio Transmitter Module
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
   Bluetooth짰 technology module
logo
Panasonic Semiconductor
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
   BLUETOOTH짰 RF MODULE
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
   Bluetooth짰 Classic module
Rev 7 - May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com