Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM20 Datasheet(PDF) 3 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 3 Page - Microchip Technology

  BM20 Datasheet HTML 1Page - Microchip Technology BM20 Datasheet HTML 2Page - Microchip Technology BM20 Datasheet HTML 3Page - Microchip Technology BM20 Datasheet HTML 4Page - Microchip Technology BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 3
Preliminary Edition
Table of Contents
1.0 DEVICE OVERVIEW ............................................................................................................................ 4
2.0 APPLICATION INFORMATION .......................................................................................................... 10
3.0 ELECTRICAL CHARACTERISTICS .................................................................................................. 18
4.0 PRINTED ANTENNA INFORMATION ................................................................................................ 23
5.0 REFERENCE CIRCUIT ...................................................................................................................... 25
6.0 CERTIFICATION INFORMATION ..................................................................................................... 27
7.0 MODULE OUTLINE AND REFLOW PROFILE .................................................................................. 29
8.0 PACKAGING AND STORAGE INFORMATION ................................................................................ 34
APPENDIX ................................................................................................................................................. 37
TO OUR VALUED CUSTOMERS
It is our intention to provide our valued customers with the best documentation possible to ensure successful use of your
Microchip products. To this end, we will continue to improve our publications to better suit your needs. Our publications
will be refined and enhanced as new volumes and updates are introduced.
If you have any questions or comments regarding this publication, please contact the Marketing Communications
Department via E-mail at docerrors@microchip.com. We welcome your feedback.
Most Current Data Sheet
To obtain the most up-to-date version of this data sheet, please register at our Worldwide Web site at:
http://www.microchip.com
You can determine the version of a data sheet by examining its literature number found on the bottom outside corner of any page.
The last character of the literature number is the version number, (e.g., DS30000000A is version A of document DS30000000).
Errata
An errata sheet, describing minor operational differences from the data sheet and recommended workarounds, may exist for
current devices. As device/documentation issues become known to us, we will publish an errata sheet. The errata will
specify the revision of silicon and revision of document to which it applies.
To determine if an errata sheet exists for a particular device, please check with one of the following:
• Microchip’s Worldwide Web site; http://www.microchip.com
• Your local Microchip sales office (see last page)
When contacting a sales office, please specify which device, revision of silicon and data sheet (include literature number)
you are using.
Customer Notification System
Register on our web site at www.microchip.com to receive the most current information on all of our products.
Abbreviations List:
HFP: Hands-free Profile
AVRCP: Audio Video Remote Control Profile
A2DP: Advanced Audio Distribution Profile
PBAP: Phone Book Access Profile
HSP: Headset Profile
SPP: Serial Port Profile


Similar Part No. - BM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20 ETC2-BM20 Datasheet
2Mb / 30P
BM20 BLUETOOTH
BM201 ETC-BM201 Datasheet
285Kb / 1P
GENERAL SPECIFICATIONS
logo
Sumida Corporation
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
logo
List of Unclassifed Man...
BM202 ETC-BM202 Datasheet
285Kb / 1P
GENERAL SPECIFICATIONS
More results

Similar Description - BM20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
Bluetooth짰 technology module
logo
Panasonic Semiconductor
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
BLUETOOTH짰 RF MODULE
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
logo
Microchip Technology
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
Bluetooth짰 4.1 Stereo Audio SOC
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth짰 Classic module
Rev 7 - May 2018
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com