Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

242103 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 242103
Description  SMA FEMALE TO BNC MALE ADAPTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

242103 Datasheet(HTML) 1 Page - Amphenol Corporation

  242103 Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 242103

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2421030000 WEIDMULLER-2421030000 Datasheet
868Kb / 3P
   Primary current: 150 A, Secondary current max.: 5 A, Load: 2.5 VA
More results

Similar Description - 242103

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9074 PASTERNACK-PE9074 Datasheet
250Kb / 3P
   SMA Male to BNC Female Adapter
logo
List of Unclassifed Man...
BU-P4290 ETC2-BU-P4290 Datasheet
200Kb / 1P
   Adapter BNC Female to SMA Male
logo
Pomona Electronics
4289 POMONA-4289 Datasheet
21Kb / 1P
   Adapter, SMA Female To BNC Male
4290 POMONA-4290 Datasheet
26Kb / 1P
   Adapter, SMA Male To BNC Female
logo
Pasternack Enterprises,...
PE9073 PASTERNACK-PE9073 Datasheet
252Kb / 3P
   SMA Female to BNC Male Adapter
logo
Amphenol Corporation
242123 AMPHENOL-242123 Datasheet
33Kb / 1P
   SMA FEMALE TO BNC MALE ADAPTER
logo
Pasternack Enterprises,...
PE9495 PASTERNACK-PE9495 Datasheet
252Kb / 2P
   Precision SMA Male to BNC Female Adapter
PE9494 PASTERNACK-PE9494 Datasheet
246Kb / 2P
   Precision SMA Female to BNC Male Adapter
PE9075 PASTERNACK-PE9075 Datasheet
250Kb / 3P
   SMA Female to BNC Female Adapter
logo
Pomona Electronics
4288 POMONA-4288 Datasheet
20Kb / 1P
   Adapter, SMA Male To BNC Male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com