Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6658BIMSE-2.5 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LT6658BIMSE-2.5
Description  Precision Dual Output,High Current, Low Noise, Voltage Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT6658BIMSE-2.5 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LT6658BIMSE-2.5 Datasheet HTML 3Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 4Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 5Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 6Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 7Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 8Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 9Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 10Page - Linear Integrated Systems LT6658BIMSE-2.5 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LT6658
7
6658f
For more information www.linear.com/LT6658
2.5V VOUT2 AC Output Impedance
50mA Load
2.5V VOUT2 AC Output Impedance
1mA Load
2.5V VOUT1 AC Output Impedance
10mA Load
2.5V VOUT1 AC Output Impedance
150mA Load
TA = 25°C, VIN = VIN1 = VIN2 = VOUT1_F + 2.5V =
VOUT2_F + 2.5V, COUT1 = COUT2 = 1µF, ILOAD = 0mA, unless otherwise noted.
Typical perForMance characTerisTics
IOUT1 = 10mA
COUT1 = 1µF
COUT1 = 50µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
6658 G19
IOUT1 = 150mA
COUT1 = 1µF
COUT1 = 50µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
6658 G20
IOUT2 = 50mA
COUT2 = 1µF
COUT2 = 50µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
6658 G22
VIN
VBYPASS
VOUT1
VOUT2
CNR = OPEN
COUT1 = 1µF
COUT2 = 1µF
50µs/DIV
2V/DIV
5V/DIV
2V/DIV
2V/DIV
6658 G23
IOUT1
VOUT2
CNR = 0.1µF
COUT1 = 1µF
COUT2 = 1µF
10µs/DIV
150mA
10mA
100µV/DIV
6658 G27
IOUT2 = 1mA
COUT2 =1µF
COUT2 = 50µF
FREQUENCY (kHz)
0.01
0.1
1
10
100
1000
0.0001
0.001
0.01
0.1
1
10
6658 G21
2.5V Turn-On Characteristic
2.5V Channel to Channel
Isolation VIN2 to VOUT1
2.5V Channel to Channel
Isolation VIN1 to VOUT2
2.5V Channel to Channel Load
Regulation (Effects of Heating
Removed)
2.5V Channel to Channel
Isolation, Time Domain
COUT1 = 1µF / CNR = OPEN
COUT1 = 10µF / CNR =10µF
COUT1 = 50µF / CNR =10µF
VIN = VIN1 = 7V
VIN2 = 6VDC + 700mVRMS
ILOAD1 = ILOAD2 = 0A, TA = 25°C
FREQUENCY (kHz)
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
160
6658 G24
COUT2 = 1µF / CNR = OPEN
COUT2 = 10µF / CNR=10µF
COUT2 = 50µF / CNR = 10µF
VIN = VIN2 = 7V
VIN1 = 6VDC + 700mVRMS
ILOAD1 = ILOAD2 = 0A, TA = 25°C
FREQUENCY (kHz)
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
6658 G25
VOUT1 LOAD CURRENT (mA)
1
10
100
500
0
2
4
6
8
10
12
14
16
18
20
6658 G26


Similar Part No. - LT6658BIMSE-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
More results

Similar Description - LT6658BIMSE-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090 Datasheet
766Kb / 10P
   Ultra Low Noise, Precision Voltage Reference Output Current Capability 20mA
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com