Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6040A2 Datasheet(PDF) 3 Page - Texas Instruments

Part # TWL6040A2
Description  TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6040A2 Datasheet(HTML) 3 Page - Texas Instruments

  TWL6040A2 Datasheet HTML 1Page - Texas Instruments TWL6040A2 Datasheet HTML 2Page - Texas Instruments TWL6040A2 Datasheet HTML 3Page - Texas Instruments TWL6040A2 Datasheet HTML 4Page - Texas Instruments TWL6040A2 Datasheet HTML 5Page - Texas Instruments TWL6040A2 Datasheet HTML 6Page - Texas Instruments TWL6040A2 Datasheet HTML 7Page - Texas Instruments TWL6040A2 Datasheet HTML 8Page - Texas Instruments TWL6040A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SWCS044-001
ADCL
MMICP
MMICN
HMICP
HMICN
ADCR
SMICP
SMICN
AFMR
AFML
HSL
HSR
HFLP
HFLN
HFRP
HFRN
EARP
EARN
AUXLP
AUXLN
AUXRP
AUXRN
VIBLP
VIBLN
PDM
to
PCM
PCM
to
PWM
VIBRP
VIBRN
PDM
interface
I
2
C
registers
HS LDO
LS LDO
Negative
charge
pump
GNDHFR
VDDHFR
GNDHFL
VDDHFL
GNDHS
VSSHS
VDDHS
VDDEAR
VSSEAR
GNDVIBL
VDDVIBL
PDMCLK
PDMCLKLB
PDMFRAME
PDMDN
PDMUP
HP PLL
LP PLL
VSSLDO
VDDLDO
MCLK
CLK32K
Reference
temp
sense
REF
GNDREF
SDA
SCL
Accessory
connector
detection
HMBIAS
DMBIAS1
MBIAS
DMBIAS2
MMBIAS
DBIAS1
DBIAS2
UL0
UL1
DL0
DL1
DL2
DL3
DL4
0:30 dB
VDDREGNCP
CFLYP
NCPOUT
–52:6 dB
–52:6 dB
–30:0 dB
–24:6 dB
–30:0 dB
–18:24 dB
AAFL
AAFR
MicAmpL
MicAmpR
LineInAmpR
LineInAmpL
EarDrv
HSLDrv
HSRDrv
HFLDrv
HFRDrv
VIBLDrv
VIBRDrv
PGAL
PGAR
HFDACL
HFDACR
HSDACR
HSDACL
HBIAS
Osc
Uplink
Downlink
Clock system
Power
Interface
CFLYN
GNDNCP
VSSPLL
VDDPLL
VDDUL
VSSUL
GNDVCM
VDDAMBIAS
VDDDMBIAS
VDDDL
VSSDL
LB0
LB1
GNDAMIC
GNDDMIC
VSSLDOIN
ACCONN
GNDVIBR
VDDVIBR
GNDLDO
VDDV2V1
PBKG
GPO1(2,3)
VDDVIO
PCM
to
PWM
NCPFB
1
1
1
1
1
1
1
1
1
8
8
8
8
8
8
1
1
PLUGDET
0:30 dB
REFP
REFN
TWL6040
www.ti.com
SWCS052B – AUGUST 2010 – REVISED AUGUST 2014
1.4
Functional Block Diagram
Figure 1-1 shows the system block diagram of the TWL6040 device.
Figure 1-1. Simplified Block Diagram
Copyright © 2010–2014, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TWL6040


Similar Part No. - TWL6040A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040A2 TI-TWL6040A2 Datasheet
749Kb / 12P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2 TI-TWL6040A2 Datasheet
458Kb / 15P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2GZQZR TI-TWL6040A2GZQZR Datasheet
749Kb / 12P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2GZQZR TI-TWL6040A2GZQZR Datasheet
458Kb / 15P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040A2ZQZ TI1-TWL6040A2ZQZ Datasheet
533Kb / 37P
8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
More results

Similar Description - TWL6040A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
8-Channel Low-Power Audio Codec for Portable Applications
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
logo
Wolfson Microelectronic...
WM9711 WOLFSON-WM9711 Datasheet
645Kb / 66P
LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
WM9711 WOLFSON-WM9711_06 Datasheet
607Kb / 65P
Low Power Audio CODEC for Portable Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
logo
Wolfson Microelectronic...
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com