Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET-PFD510 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ET-PFD510
Description  Mounting should be done by a qualified technician.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ET-PFD510 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ET-PFD510 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S P E C
F I L E
ET-PFD510
Frame
As of May 2012
SFD12A012
1 / 1
712 ( 28 -1/ 32 )
Specifications
Dimensions (W × H × D):
712 × 408.5 × 932 mm
(28-1/32 × 16-3/32 × 36-11/16 inches)
Weight*:
Approximately 19.4 kg (42.8 lbs)
Applicable projector:
PT-DZ21K/DS20K/DW17K
Illustration shows the frame attached to a projector.
Parts
Frame (already assembled) . . . . . . . . . . . . . . . . . 1
Washer-fitted hexagonal bolts (M6 × 30)
. . . . . . 6
Hex bolts (M10 × 140)
. . . . . . . . . . . . . . . . . . . . 4
Adjustment nuts (M10)
. . . . . . . . . . . . . . . . . . . . 4
Spring washers (M10) . . . . . . . . . . . . . . . . . . . . . 8
Washers (M10)
. . . . . . . . . . . . . . . . . . . . . . . . . 16
Hexagonal nuts (M6) . . . . . . . . . . . . . . . . . . . . . . 8
Square washers
. . . . . . . . . . . . . . . . . . . . . . . . 16
* Average value. May differ depending on the actual unit.
unit : mm (inch)
NOTE: This illustration is not drawn to scale.
Dimensions
Description
This frame is designed especially for use on the Panasonic’s applicable projector. The frame can also be used for a
dual stack configuration in which two projectors are used together.
C a u t i o n :
Mounting should be done by a qualified technician.
Make sure that the mounting (ceiling) area has sufficient strength.
Read the enclosed mounting instructions thoroughly before starting.
Do not use an electric screwdriver or impact driver to tighten screws. Use a torque driver or hexagon torque
wrench and tighten screws to the torque specified in the instructions.
When the product is no longer going to be used, have it disposed of quickly by a professional disposal service.
Weights and dimensions shown are approximate. Specifications subject to change without notice.


Similar Part No. - ET-PFD510

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ET-PFD310 PANASONIC-ET-PFD310 Datasheet
148Kb / 1P
Frame
More results

Similar Description - ET-PFD510

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-2134347 TEC-C-2134347 Datasheet
78Kb / 1P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2150275 TEC-C-2150275 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2150280 TEC-C-2150280 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2266103 TEC-C-2266103 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2266121 TEC-C-2266121 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2266315 TEC-C-2266315 Datasheet
4Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2150376 TEC-C-2150376 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2151192 TEC-C-2151192 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2151352 TEC-C-2151352 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
C-2150524 TEC-C-2150524 Datasheet
5Mb / 4P
SHOULD BE CONTACTED FOR THE LATEST REVISION.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com