Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC16C2550
Description  Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC16C2550 Datasheet HTML 21Page - NXP Semiconductors SC16C2550 Datasheet HTML 22Page - NXP Semiconductors SC16C2550 Datasheet HTML 23Page - NXP Semiconductors SC16C2550 Datasheet HTML 24Page - NXP Semiconductors SC16C2550 Datasheet HTML 25Page - NXP Semiconductors SC16C2550 Datasheet HTML 26Page - NXP Semiconductors SC16C2550 Datasheet HTML 27Page - NXP Semiconductors SC16C2550 Datasheet HTML 28Page - NXP Semiconductors SC16C2550 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Philips Semiconductors
SC16C2550
Dual UART with 16 bytes of transmit and receive FIFOs and IrDA
encoder/decoder
Product data
Rev. 03 — 19 June 2003
25 of 46
9397 750 11621
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.7 Line Status Register (LSR)
This register provides the status of data transfers between the SC16C2550 and
the CPU.
Table 18:
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
Logic 0 = No error (normal default condition).
Logic 1 = At least one parity error, framing error or break
indication is in the current FIFO data. This bit is cleared when
there are no remaining error flags associated with the remaining
data in the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator. This
bit is set to a logic 1 whenever the transmit holding register and the
transmit shift register are both empty. It is reset to logic 0 whenever
either the THR or TSR contains a data character. In the FIFO
mode, this bit is set to ‘1’ whenever the transmit FIFO and transmit
shift register are both empty.
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty
indicator. This bit indicates that the UART is ready to accept a new
character for transmission. In addition, this bit causes the UART to
issue an interrupt to CPU when the THR interrupt enable is set.
The THR bit is set to a logic 1 when a character is transferred from
the transmit holding register into the transmitter shift register. The
bit is reset to a logic 0 concurrently with the loading of the
transmitter holding register by the CPU. In the FIFO mode, this bit
is set when the transmit FIFO is empty; it is cleared when at least
1 byte is written to the transmit FIFO.
4
LSR[4]
Break interrupt.
Logic 0 = No break condition (normal default condition).
Logic 1 = The receiver received a break signal (RX was a logic 0
for one character frame time). In the FIFO mode, only one break
character is loaded into the FIFO.
3
LSR[3]
Framing error.
Logic 0 = No framing error (normal default condition).
Logic 1 = Framing error. The receive character did not have a
valid stop bit(s). In the FIFO mode, this error is associated with
the character at the top of the FIFO.
2
LSR[2]
Parity error.
Logic 0 = No parity error (normal default condition.
Logic 1 = Parity error. The receive character does not have
correct parity information and is suspect. In the FIFO mode, this
error is associated with the character at the top of the FIFO.


Similar Part No. - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C2550B PHILIPS-SC16C2550B Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550BIA44 PHILIPS-SC16C2550BIA44 Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
More results

Similar Description - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com