Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC16C2550
Description  Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC16C2550 Datasheet HTML 17Page - NXP Semiconductors SC16C2550 Datasheet HTML 18Page - NXP Semiconductors SC16C2550 Datasheet HTML 19Page - NXP Semiconductors SC16C2550 Datasheet HTML 20Page - NXP Semiconductors SC16C2550 Datasheet HTML 21Page - NXP Semiconductors SC16C2550 Datasheet HTML 22Page - NXP Semiconductors SC16C2550 Datasheet HTML 23Page - NXP Semiconductors SC16C2550 Datasheet HTML 24Page - NXP Semiconductors SC16C2550 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Philips Semiconductors
SC16C2550
Dual UART with 16 bytes of transmit and receive FIFOs and IrDA
encoder/decoder
Product data
Rev. 03 — 19 June 2003
21 of 46
9397 750 11621
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.4 Interrupt Status Register (ISR)
The SC16C2550 provides four levels of prioritized interrupts to minimize external
software interaction. The Interrupt Status Register (ISR) provides the user with four
interrupt status bits. Performing a read cycle on the ISR will provide the user with the
highest pending interrupt level to be serviced. No other interrupts are acknowledged
until the pending interrupt is serviced. A lower level interrupt may be seen after
servicing the higher level interrupt and re-reading the interrupt status bits. Table 11
“Interrupt source” shows the data values (bits 0-3) for the four prioritized interrupt
levels and the interrupt sources associated with each of these interrupt levels.
1
FCR[1]
RCVR FIFO reset.
Logic 0 = Receive FIFO not reset (normal default condition).
Logic 1 = Clears the contents of the receive FIFO and resets the
FIFO counter logic (the receive shift register is not cleared or
altered). This bit will return to a logic 0 after clearing the FIFO.
0
FCR[0]
FIFOs enabled.
Logic 0 = Disable the transmit and receive FIFO (normal default
condition).
Logic 1 = Enable the transmit and receive FIFO. This bit must
be a ‘1’ when other FCR bits are written to, or they will not
be programmed.
Table 10:
RCVR trigger levels
FCR[7]
FCR[6]
RX FIFO trigger level
0001
0104
1008
1114
Table 9:
FIFO Control Register bits description…continued
Bit
Symbol
Description
Table 11:
Interrupt source
Priority
level
ISR[5]
ISR[4]
ISR[3]
ISR[2]
ISR[1]
ISR[0]
Source of the interrupt
1
0
00110LSR (Receiver Line Status
Register)
2
0
00100
RXRDY (Received Data
Ready)
2
0
01100
RXRDY (Receive Data
time-out)
3
0
00010
TXRDY (Transmitter
Holding Register Empty)
4
0
00000
MSR (Modem Status
Register)
5
0
10000
RXRDY (Received Xoff
signal) / Special character
6
1
00000CTS, RTS change of state


Similar Part No. - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C2550B PHILIPS-SC16C2550B Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550BIA44 PHILIPS-SC16C2550BIA44 Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
More results

Similar Description - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com