Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC16C2550
Description  Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC16C2550 Datasheet HTML 16Page - NXP Semiconductors SC16C2550 Datasheet HTML 17Page - NXP Semiconductors SC16C2550 Datasheet HTML 18Page - NXP Semiconductors SC16C2550 Datasheet HTML 19Page - NXP Semiconductors SC16C2550 Datasheet HTML 20Page - NXP Semiconductors SC16C2550 Datasheet HTML 21Page - NXP Semiconductors SC16C2550 Datasheet HTML 22Page - NXP Semiconductors SC16C2550 Datasheet HTML 23Page - NXP Semiconductors SC16C2550 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Philips Semiconductors
SC16C2550
Dual UART with 16 bytes of transmit and receive FIFOs and IrDA
encoder/decoder
Product data
Rev. 03 — 19 June 2003
20 of 46
9397 750 11621
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.3.2
FIFO mode
Table 9:
FIFO Control Register bits description
Bit
Symbol
Description
7-6
FCR[7]
(MSB),
FCR[6]
(LSB)
RCVR trigger. These bits are used to set the trigger level for the
receive FIFO interrupt.
Logic 0 (or cleared) = normal default condition.
Logic 1 = RX trigger level.
An interrupt is generated when the number of characters in the
FIFO equals the programmed trigger level. However, the FIFO will
continue to be loaded until it is full. Refer to Table 10.
5-4
FCR[5-4]
Not used; initialized to logic 0.
3
FCR[3]
DMA mode select.
Logic 0 = Set DMA mode ‘0’
Logic 1 = Set DMA mode ‘1’
Transmit operation in mode ‘0’: When the SC16C2550 is in the
16C450 mode (FIFOs disabled; FCR[0] = logic 0) or in the FIFO
mode (FIFOs enabled; FCR[0] = logic 1; FCR[3] = logic 0), and
when there are no characters in the transmit FIFO or transmit
holding register, the TXRDY pin in PLCC44 or LQFP48 packages
will be a logic 0. Once active, the TXRDY pin will go to a logic 1
after the first character is loaded into the transmit holding register.
Receive operation in mode ‘0’: When the SC16C2550 is in
mode ‘0’ (FCR[0] = logic 0), or in the FIFO mode (FCR[3] = logic 0)
and there is at lease one character in the receive FIFO, the
RXRDY pin will be a logic 0. Once active, the RXRDY pin on
PLCC44 and LQFP48 packages will go to a logic 1 when there are
no more characters in the receiver.
Transmit operation in mode ‘1’: When the SC16C2550 is in
FIFO mode (FCR[0] = logic 1; FCR[3] = logic 1), the TXRDY pin on
PLCC44 and LQFP48 packages will be a logic 1 when the transmit
FIFO is completely full. It will be a logic 0 if one or more FIFO
locations are empty.
Receive operation in mode ‘1’: When the SC16C2550 is in FIFO
mode (FCR[0] = logic 1; FCR[3] = logic 1) and the trigger level has
been reached, or a Receive Time-Out has occurred, the RXRDY
pin on PLCC44 and LQFP48 packages will go to a logic 0. Once
activated, it will go to a logic 1 after there are no more characters in
the FIFO.
2
FCR[2]
XMIT FIFO reset.
Logic 0 = Transmit FIFO not reset (normal default condition).
Logic 1 = Clears the contents of the transmit FIFO and resets
the FIFO counter logic (the transmit shift register is not cleared
or altered). This bit will return to a logic 0 after clearing the FIFO.


Similar Part No. - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C2550B PHILIPS-SC16C2550B Datasheet
211Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550BIA44 PHILIPS-SC16C2550BIA44 Datasheet
200Kb / 42P
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
More results

Similar Description - SC16C2550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
logo
NXP Semiconductors
SC16C2552 PHILIPS-SC16C2552 Datasheet
579Kb / 38P
Dual UART with 16-byte transmit and receive FIFOs
Rev. 03-20 June 2003
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com