Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416 Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS61LV6416
Description  64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6416 Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS61LV6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FEATURES
• High-speed access time: 8, 10, 12, and 15 ns
• CMOS low power operation
— 250 mW (typical) operating
— 250 µW (typical) standby
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
IS61LV6416
64K x 16 HIGH-SPEED CMOS STATIC RAM
WITH 3.3V SUPPLY
DESCRIPTION
The
1+51 IS61LV6416 is a high-speed, 1,048,576-bit static
RAM organized as 65,536 words by 16 bits. It is fabricated
using
1+51's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design
techniques, yields access times as fast as 8 ns with low power
consumption.
When CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down with
CMOS input levels.
Easy memory expansion is provided by using Chip Enable and
Output Enable inputs, CE and OE. The active LOW Write
Enable (WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (UB) and Lower Byte (LB)
access.
The IS61LV6416 is packaged in the JEDEC standard 44-pin
400mil SOJ, 44-pin 400mil TSOP-2, and 48-pin 6*8mm TF-
BGA.
FUNCTIONAL BLOCK DIAGRAM
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
A0-A15
CE
OE
WE
64K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
Integrated Circuit Solution Inc.
1
SR013-0C


Similar Part No. - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BI ISSI-IS61LV6416-10BI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BLI ISSI-IS61LV6416-10BLI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10K ISSI-IS61LV6416-10K Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10KI ISSI-IS61LV6416-10KI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com