Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416 Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS61LV6416
Description  64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6416 Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IS61LV6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IS61LV6416
8
Integrated Circuit Solution Inc.
SR013-0C
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IS61LV6416-8B
6*8mm TF-BGA
8
IS61LV6416-8T
400mil TSOP-2
8
IS61LV6416-8K
400mil SOJ
10
IS61LV6416-10B
6*8mm TF-BGA
10
IS61LV6416-10T
400mil TSOP-2
10
IS61LV6416-10K
400mil SOJ
12
IS61LV6416-12B
6*8mm TF-BGA
12
IS61LV6416-12T
400mil TSOP-2
12
IS61LV6416-12K
400mil SOJ
15
IS61LV6416-15B
6*8mm TF-BGA
15
IS61LV6416-15T
400mil TSOP-2
15
IS61LV6416-15K
400mil SOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IS61LV6416-8BI
6*8mm TF-BGA
8
IS61LV6416-8TI
400mil TSOP-2
8
IS61LV6416-8KI
400mil SOJ
10
IS61LV6416-10BI
6*8mm TF-BGA
10
IS61LV6416-10TI
400mil TSOP-2
10
IS61LV6416-10KI
400mil SOJ
12
IS61LV6416-12BI
6*8mm TF-BGA
12
IS61LV6416-12TI
400mil TSOP-2
12
IS61LV6416-12KI
400mil SOJ
15
IS61LV6416-15BI
6*8mm TF-BGA
15
IS61LV6416-15TI
400mil TSOP-2
15
IS61LV6416-15KI
400mil SOJ
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BI ISSI-IS61LV6416-10BI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BLI ISSI-IS61LV6416-10BLI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10K ISSI-IS61LV6416-10K Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10KI ISSI-IS61LV6416-10KI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com