Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416 Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61LV6416
Description  64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6416 Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61LV6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61LV6416
Integrated Circuit Solution Inc.
3
SR013-0C

!
"
#
$
%
&
'



OPERATING RANGE
Range
Ambient Temperature
Vcc
Commercial
0°C to +70°C
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V ± 10%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
—
220
—
200
—
180
—
180
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
—
230
—
210
—
190
—
190
ISB
TTL Standby Current
VCC = Max.,
Com.
—
30
—
30
—
30
—
30
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—
40
—
40
—
40
—
40
CE ≥ VIH , f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
—
10
—
10
—
10
—
10
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
—
15
—
15
—
15
—
15
VIN ≥ VCC – 0.2V, or
VIN ≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
—
0.4
V
VIH
Input HIGH Voltage
2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
Com.
–2
2
µA
Ind.
-5
5
ILO
Output Leakage
GND ≤ VOUT ≤ VCC, Outputs Disabled
Com.
–2
2
µA
Ind.
-5
5
Notes:
1. VIL (min.) = –2.0V for pulse width less than 10 ns.
2. The Vcc operating range for 8 ns is 3.3V +10%, -5%.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under
ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the
device. This is a stress rating only and
functional operation of the device at
these or any other conditions above
those indicated in the operational sec-
tions of this specification is not implied.
Exposure to absolute maximum rating
conditions for extended periods may
affect reliability.


Similar Part No. - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BI ISSI-IS61LV6416-10BI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BLI ISSI-IS61LV6416-10BLI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10K ISSI-IS61LV6416-10K Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10KI ISSI-IS61LV6416-10KI Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com