Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV6416 Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IS61LV6416
Description  64K X 16 HIGH SPEED CMOS STATIC RAM WITH 3.3 V SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV6416 Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IS61LV6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IS61LV6416
2
Integrated Circuit Solution Inc.
SR013-0C
PIN CONFIGURATIONS
44-Pin SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A15
A14
A13
A12
A11
CE
I/O0
I/O1
I/O2
I/O3
Vcc
GND
I/O4
I/O5
I/O6
I/O7
WE
A10
A9
A8
A7
NC
A0
A1
A2
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
Vcc
I/O11
I/O10
I/O9
I/O8
NC
A3
A4
A5
A6
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A15
A14
A13
A12
A11
CE
I/O0
I/O1
I/O2
I/O3
Vcc
GND
I/O4
I/O5
I/O6
I/O7
WE
A10
A9
A8
A7
NC
A0
A1
A2
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
Vcc
I/O11
I/O10
I/O9
I/O8
NC
A3
A4
A5
A6
NC
44-Pin TSOP-2
48-Pin 6x8mm TF-BGA
PIN DESCRIPTIONS
A0-A15
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB, ISB
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A3
A7
A6
N/C
I/O0
UB
A2
A1
CE
I/O15
I/O1
I/O2
A0
A4
I/O13
I/O14
GND
I/O3
NC
A5
I/O12
Vcc
Vcc
I/O4
NC
NC
I/O11
GND
I/O5
I/O6
A9
A8
I/O10
I/O9
I/O7
NC
A11
A10
WE
I/O8
NC
A12
A13
A14
A15
NC


Similar Part No. - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BI ISSI-IS61LV6416-10BI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10BLI ISSI-IS61LV6416-10BLI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10K ISSI-IS61LV6416-10K Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV6416-10KI ISSI-IS61LV6416-10KI Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com