Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC277 Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # EC277
Description  Tape and Reel Packaging
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

EC277 Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  EC277 Datasheet HTML 1Page - Connor-Winfield Corporation EC277 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2016 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Bulletin
EC277
Page
2 of 2
Revision
06
Date
09 Aug 2016
Direction of Feed (Customer)
16mm Tape
Suggested Pad Layout
Output Waveform
Tape and Reel Dimensions
Pad Connections
Function:
Output
Low:
Disabled (High Impedance)
High or Open:
Enabled
Solder Profile
120°C
150°C
180°C
260°C
0
220°C
Up to 120 s
Typical
10 s
60 to 90 s
Typical
Temperature
260°C
Meets IPC/JEDEC J-STD-020C
OE Enable / Disable Function
0.200
(5.08mm)
0.070
(1.80mm)
0.079
(2.00mm)
0.165
(4.20mm)
0.100
(2.54mm)
Ground
C
Bypass
Keep
Out
Area
Top View
1
Ground
Q
Q
50%
20%
80%
tr
Duty Cycle
tf
.069
(1.75mm)
0.275
(7.0mm)
0.197
(5.0mm)
0.102
(2.6mm)
0.055
(1.4mm)
Dimensional Tolerance
+/-0.008 (+/-0.2mm)
1633
PB223
156.25 MHZ
N/C
OE
2
Vcc = Vcc2 = 3.3Vdc
Package Outline
Test Circuit
1: Enable / Disable (OE)
2: N/C
3: Ground
4: Output Q
5: Complementary Output Q
6: Supply Voltage (Vcc)
Phase Noise Plot
Typical Phase Noise Plot for PB223-156.25M
Notes:
1.Includescalibration@25°C,frequencystabilityvs.changeintemperature,supplyvoltageandloadvariations,shockandvibrationand20yearsaging.
2.Frequencystabilityvs.changeinsupplyvoltage,Vcc
±5%@25°C.
3.Whentheoscillatorisdisabledtheoutputsareathighimpedance.OutputsareenabledwithnoconnectiononE/Dpad.
4.Outputsmustbeterminatedinto50ohmstoVcc–2VorTheveninequivalent.
5.Dutycyclemeasuredat50%outputvoltageswing.
Package Characteristics
Package:
Hermetically sealed ceramic package and metal cover
Environmental Characteristics
Vibration:
Vibration per Mil Std 883E Method 2007.3 Test Condition A.
Shock:
Mechanical Shock per Mil Std 883E Method 2002.4 Test Condition B.
Soldering Process;
RoHS compliant lead free. See soldering profile on page 2.
OE Input Characteristics
Parameter
Minimum
Nominal
Maximum
Units
Notes
Enable Input Voltage: (High) (Vih)
90%Vcc
-
-
Vdc
3
Disable Input Voltage: (Low) (Vil)
-
-
10%Vcc
Vdc
3
Enable Time:
-
-
2
ms
Disable Time:
-
-
200
ns
Standby Current: (When Osc. is disabled)
-
12
-
mA


Similar Part No. - EC277

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC27 ECLIPTEK-EC27 Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30.000M ECLIPTEK-EC2700ETTS-30.000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30.000MTR ECLIPTEK-EC2700ETTS-30.000MTR Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30000M ECLIPTEK-EC2700ETTS-30000M Datasheet
202Kb / 3P
   OSCILLATOR
EC2700ETTS-30000MTR ECLIPTEK-EC2700ETTS-30000MTR Datasheet
202Kb / 3P
   OSCILLATOR
More results

Similar Description - EC277

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR3430ARJZ AD-ADR3430ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADR3450ARJZ AD-ADR3450ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
Connor-Winfield Corpora...
DV75D CONNOR-WINFIELD-DV75D Datasheet
426Kb / 2P
   Tape and Reel Packaging
logo
STMicroelectronics
STR2550 STMICROELECTRONICS-STR2550 Datasheet
535Kb / 10P
   Tape and reel packaging
May 2014 Rev 5
logo
Coto Technology
CT10-1532-G2 COTO-CT10-1532-G2 Datasheet
1Mb / 2P
   Tape and reel packaging
logo
Analog Devices
ADR3440ARJZ AD-ADR3440ARJZ Datasheet
395Kb / 6P
   Tape and Reel Packaging
logo
M/A-COM Technology Solu...
MAADCC0006 MA-COM-MAADCC0006_15 Datasheet
799Kb / 6P
   Tape and Reel Packaging Available
MABA-011037 MA-COM-MABA-011037 Datasheet
554Kb / 4P
   Tape and reel packaging available
MAAD-007082 MA-COM-MAAD-007082 Datasheet
825Kb / 8P
   Tape and Reel Packaging Available
MAAD-007083 MA-COM-MAAD-007083 Datasheet
787Kb / 5P
   Tape and Reel Packaging Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com