Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1085 Datasheet HTML 1Page - Dallas Semiconductor DS1085 Datasheet HTML 2Page - Dallas Semiconductor DS1085 Datasheet HTML 3Page - Dallas Semiconductor DS1085 Datasheet HTML 4Page - Dallas Semiconductor DS1085 Datasheet HTML 5Page - Dallas Semiconductor DS1085 Datasheet HTML 6Page - Dallas Semiconductor DS1085 Datasheet HTML 7Page - Dallas Semiconductor DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS1085
5 of 21
REGISTER FUNCTIONS
The user-programmable registers can be used to determine the mode of operation (MUX), operating
frequency (DAC, OFFSET, DIV), and bus settings (ADDR). The functions of the registers are described
in this section, but details of how these registers are programmed can be found in a later section. The
register settings are nonvolatile, with the values being stored automatically or as required in EEPROM
when the registers are programmed through the SDA and SCL pins.
DAC WORD (Address 08h)
MSB
LSB
MSB
LSB
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
XXXXXX
First Data Byte
Second Data Byte
X = Don’t care.
The DAC word (d0–d9) controls the frequency of the master oscillator. The resolution of this register
depends on the step size of the device. The absolute frequency of the device also depends on the value of
the OFFSET register (see Table 5 and 6).
Table 5. DEFAULT DAC SETTINGS
DS1085Z-10
DS1085Z-25
DS1085Z-50
Frequency
DAC
Offset
Frequency
DAC
Offset
Frequency
DAC
Offset
97.1MHz
500
OS
104.6MHz
600
OS
101.8MHz
500
OS
For any given value of OFFSET the master oscillator frequency can be derived as follows:
Frequency = Min Frequency + DAC x Step Size
where: Min frequency is the lowest frequency shown in Table 6 for the corresponding offset.
DAC is the value of the DAC register (0–1023).
Step size is the step size of the device (10kHz, 25kHz, or 50kHz).
OS is the decimal, integer value of the five MSBs of the RANGE register.
OFFSET BYTE (Address 0Eh)
MSB
LSB
X
X
X
O4O3O2
O1O0
X = Don’t care.
The OFFSET byte (O0–O4) determines the range of frequencies that can be obtained within the absolute
minimum and maximum range of the oscillator. Correct operation of the device is not guaranteed for
values of OFFSET not shown in Table 6.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com