Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1085 Datasheet HTML 1Page - Dallas Semiconductor DS1085 Datasheet HTML 2Page - Dallas Semiconductor DS1085 Datasheet HTML 3Page - Dallas Semiconductor DS1085 Datasheet HTML 4Page - Dallas Semiconductor DS1085 Datasheet HTML 5Page - Dallas Semiconductor DS1085 Datasheet HTML 6Page - Dallas Semiconductor DS1085 Datasheet HTML 7Page - Dallas Semiconductor DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS1085
3 of 21
Table 1. DEVICE COMPARISONS BY PART NUMBER
PART NUMBER
STEP SIZE (kHz)
DAC SPAN (MHz)
OFFSET SIZE (MHz)
DS1085Z-10
10
10.24
5.12
DS1085Z-25
25
25.60
6.40
DS1085Z-50
50
51.20
6.40
For further description of use of the OFFSET register, see the REGISTER FUNCTIONS section.
The master clock can be routed directly to the outputs (OUT0 and OUT1) or through separate prescalers
(P0 and P1). In the case of OUT1, an additional programmable divider (N) can be used to generate
frequencies down to 8.1kHz.
The prescaler (P0) divides MCLK by 1, 2, 4, or 8 before routing MCLK to the reference output (OUT0)
pin.
The prescaler (P1) divides MCLK by 1, 2, 4, or 8 before routing MCLK to the programmable divider (N),
and, ultimately, the main output (OUT1) pin.
The programmable divider (N) divides the prescaler output (P1) by any number selected between two and
1025 (10 bits) to provide the main output (OUT1), or it can be bypassed altogether by use of the DIV1
register bit. The value of N is stored in the DIV register.
The control registers are user-programmable through a 2-wire serial interface to determine operating
frequency (values of DAC, OFFSET, P0, P1, and N) and modes of operation. Once programmed, the
register settings are nonvolatile and only need reprogramming if it is desired to reconfigure the device.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
OUT1
This main oscillator output frequency is determined by the control
register settings for the oscillator (DAC and OFFSET), prescaler P1
(mode bits 1M0 and 1M1), and divider N (DIV).
2
OUT0
The reference output is taken from the output of the reference select mux.
Its frequency is determined by the control register settings for prescaler
P0 (mode bits 0M0 and 0M1) (see Table 2).
3VCC
Power Supply
4
GND
Ground
5CTRL0
A multifunction control input pin that can be programmed to function as
a mux select, output enable, and/or a power-down. Its function is
determined by the user-programmable control register values of EN0,
SEL0, and PDN0 (see Table 2).
6CTRL1
A multifunction control input pin that can be programmed to function as
an output enable and/or a power-down. Its function is determined by the
user-programmable control register value of PDN1 (see Table 3).
7
SDA
I/O pin for the 2-wire serial interface used for data transfer.
8SCL
Input pin for the 2-wire serial interface used to synchronize data
movement over the serial interface.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com