Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor DS1085 Datasheet HTML 17Page - Dallas Semiconductor DS1085 Datasheet HTML 18Page - Dallas Semiconductor DS1085 Datasheet HTML 19Page - Dallas Semiconductor DS1085 Datasheet HTML 20Page - Dallas Semiconductor DS1085 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
DS1085
19 of 21
9) This indicates the time taken between power-up and the outputs becoming active. An on-chip delay is
intentionally introduced to allow the oscillator to stabilize. tstab is equivalent to approximately 8000
clock cycles and hence depends on the programmed clock frequency.
10) Output voltage swings can be impaired at high frequencies combined with high-output loading.
11) After this period, the first clock pulse is generated.
12) A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the
VIH MIN of the SCL signal) in order to bridge the undefined region of the falling edge of SCL.
13) The maximum tHD:DAT need only be met if the device does not stretch the LOW period (tLOW ) of the
SCL signal.
14) A fast-mode device can be used in a standard mode system, but the requirement tSU:DAT > 250ns must
then be met. This is automatically the case if the device does not stretch the LOW period of the SCL
signal. If such a device does stretch the LOW period of the SCL signal, it must output the next data
bit to the SDA line at least tR MAX + tSU:DAT = 1000ns + 250ns = 1250ns before the SCL line is
released.
15) CB—total capacitance of one bus line in picofarads; timing referenced to 0.9VCC and 0.1VCC.
16) EEPROM write begins after a STOP condition occurs.
17) Typical frequency shift due to aging is ±0.5%. Aging stressing includes Level 1 moisture reflow
preconditioning (24hr +125
°C bake, 168hr 85°C/85%RH moisture soak, and 3 solder reflow passes
+240 +0/-5
°C peak) followed by 1000hr max VCC biased 125°C HTOL, 1000 temperature cycles at -
55
°C to +125°C, 96hr 130°C/85%RH/5.5V HAST and 168hr 121°C/2 ATM Steam/Unbiased
Autoclave.
Figure 5. MASTER FREQUENCY TEMPERATURE VARIATION
M A S T E R F R E Q U E NCY T E M P E R AT URE
V ARIAT IO N
-2 .0 0
-1 .5 0
-1 .0 0
-0 .5 0
0.00
0.50
1.00
1.50
2.00
66 .00
82.75
99 .5 0
116.25
133.00
M A S TE R O S CILL A TO R F R E Q UE NCY (M Hz )


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com