Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor DS1085 Datasheet HTML 17Page - Dallas Semiconductor DS1085 Datasheet HTML 18Page - Dallas Semiconductor DS1085 Datasheet HTML 19Page - Dallas Semiconductor DS1085 Datasheet HTML 20Page - Dallas Semiconductor DS1085 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
DS1085
18 of 21
AC ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Fast mode
400
SCL Clock Frequency
fSCL
Standard mode
100
kHz
14
Fast mode
1.3
Bus Free Time Between
a STOP and START
Condition
tBUF
Standard mode
4.7
ms
Fast mode
0.6
Hold Time (Repeated)
START Condition
tHD:STA
Standard mode
4.0
ms
11
Fast mode
1.3
LOW Period of SCL
tLOW
Standard mode
4.7
ms
Fast mode
0.6
HIGH Period of SCL
tHIGH
Standard mode
4.0
ms
Fast mode
0.6
Setup Time for a
Repeated START
tSU:STA
Standard mode
4.7
ms
Fast mode
0
Data Hold Time
tHD:DAT
Standard mode
0
0.9
ms
12, 13
Fast mode
100
Data Setup Time
tSU:DAT
Standard mode
250
ns
14
Fast mode
300
Rise Time of Both SDA
and SCL Signals
tR
Standard mode
20 +
0.1CB
1000
ns
15
Fast mode
300
Fall Time of Both SDA
and SCL Signals
tF
Standard mode
20 +
0.1CB
1000
ns
15
Fast mode
0.6
Setup Time for STOP
tSU:STO
Standard mode
4.0
ms
Capacitive Load for
each Bus Line
CB
400
pF
15
NV Write-Cycle Time
tWR
10
ms
16
NOTES:
1) All voltages are referenced to ground.
2) This is the absolute accuracy of the master oscillator frequency at the default settings.
3) This is the percent frequency change that is observed in output frequency with changes in voltage
from nominal voltage at a temperature of TA = +25
°C.
4) This is the percentage frequency change from the +25°C frequency due to temperature at a nominal
voltage of 5V.
5) The maximum temperature change varies with the master frequency setting. The minimum occurs at
the default master frequency (fdefault). The maximums occur at the extremes of the master oscillator
frequency range (66MHz or 133MHz). (See Figure 5 below.)
6) The integral nonlinearity of the frequency adjust DAC is a measure of the deviation from a straight
line drawn between the two endpoints of a range.
7) DAC and OFFSET register settings must be configured to maintain the clock frequency within this
range. Correct operation of the device is not guaranteed if these limits are exceeded.
8) Frequency settles faster for small charges in value. During a change, the frequency changes smoothly
from the original value to the new value.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com