Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor DS1085 Datasheet HTML 17Page - Dallas Semiconductor DS1085 Datasheet HTML 18Page - Dallas Semiconductor DS1085 Datasheet HTML 19Page - Dallas Semiconductor DS1085 Datasheet HTML 20Page - Dallas Semiconductor DS1085 Datasheet HTML 21Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS1085
17 of 21
MASTER OSCILLATOR CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Master Oscillator Range
fOSC
66
133
MHz
7
Default Master
Oscillator Frequency
f0
-10 Version
-25 Version
-50 Version
97.1
104.6
101.8
MHz
Master Oscillator
Frequency Tolerance
Df0
f0
VCC = 5V,
TA = +25
°C
Default freq.
DAC step size
-0.75
-0.75
+0.75
+0.75
%
2, 17
Voltage Frequency
Variation
DfV
f0
Overvoltage
range,
TA =
+25
°C
default freq.
DAC Step Size
-1.0
-1.0
+1.0
+1.0
%3
Overtemperature
range,
VCC = 5V
default freq.
-0.5
+0.5
133MHz
-0.5
+0.5
Temperature Frequency
Variation
DfT
f0
66MHz
-1.0
+1.0
%
4, 5
DAC range
-0.3
+0.3
%
Integral Nonlinearity of
Frequency DAC
INL
Entire range
-0.4
+0.4
%
6
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5%, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Frequency Stable After
DIV Change
1Period
Frequency Stable After
DAC or OFFSET
Change
0.2
1
ms
8
Power-Up Time
tpor + tstab
0.1
0.5
ms
9
Enable of OUT0/1 After
Exiting Power-Down
Mode
tstab
500
µs
OUT0/1 High-Z After
Entering Power-Down
Mode
tstab
1ms
Load Capacitance
CL
15
50
pF
10
Output Duty Cycle
(OUT0, OUT1)
40
60
%


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com