Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 9Page - Dallas Semiconductor DS1085 Datasheet HTML 10Page - Dallas Semiconductor DS1085 Datasheet HTML 11Page - Dallas Semiconductor DS1085 Datasheet HTML 12Page - Dallas Semiconductor DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor DS1085 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS1085
13 of 21
A master must signal an end of data to the slave by not generating an acknowledge bit on the last byte
that has been clocked out of the slave. In this case, the slave must leave the data line HIGH to enable the
master to generate the STOP condition.
Figure 2. DATA TRANSFER ON 2-WIRE SERIAL BUS
Figures 2, 3, and 4 detail how data transfer is accomplished on the 2-wire bus. Depending upon the state
of the R/W bit, two types of data transfer are possible:
1) Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the
master is the slave address. Next follows a number of data bytes. The slave returns an acknowledge
bit after each received byte.
2) Data transfer from a slave transmitter to a master receiver. The first byte (the slave address) is
transmitted by the master. The slave then returns an acknowledge bit. Next follows a number of data
bytes transmitted by the slave to the master. The master returns an acknowledge bit after all received
bytes other than the last byte. At the end of the last received byte, a not acknowledge is returned.
The master device generates all of the serial clock pulses and the START and STOP conditions. A
transfer is ended with a STOP condition or with a repeated START condition. Since a repeated START
condition is also the beginning of the next serial transfer, the bus is not released.
The DS1085 can operate in the following two modes:
1) Slave receiver mode: Serial data and clock are received through SDA and SCL. After each byte is
received, an acknowledge bit is transmitted. START and STOP conditions are recognized as the
beginning and end of a serial transfer. Address recognition is performed by hardware after reception
of the slave address and direction bit.
2) Slave transmitter mode: The first byte is received and handled as in the slave receiver mode.
However, in this mode, the direction bit indicates that the transfer direction is reversed. Serial data is
transmitted on SDA by the DS1085 while the serial clock is input on SCL. START and STOP
conditions are recognized as the beginning and end of a serial transfer.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com