Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor DS1085 Datasheet HTML 10Page - Dallas Semiconductor DS1085 Datasheet HTML 11Page - Dallas Semiconductor DS1085 Datasheet HTML 12Page - Dallas Semiconductor DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor DS1085 Datasheet HTML 15Page - Dallas Semiconductor DS1085 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
DS1085
12 of 21
2-WIRE SERIAL DATA BUS
The DS1085 communicates through a 2-wire serial interface. A device that sends data onto the bus is
defined as a transmitter, and a device receiving data as a receiver. The device that controls the message is
called a “master.” The devices that are controlled by the master are “slaves.” A master device that
generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions
must control the bus. The DS1085 operates as a slave on the 2-wire bus. Connections to the bus are made
through the open-drain I/O lines SDA and SCL.
The following bus protocol has been defined (see Figure 2):
§ Data transfer can be initiated only when the bus is not busy.
§ During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is high are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line, from HIGH to LOW, while the clock is
HIGH, defines a START condition.
Stop data transfer: A change in the state of the data line, from LOW to HIGH, while the clock line is
HIGH, defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line
is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed
during the LOW period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited, and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a
ninth bit.
Within the bus specifications a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate) are
defined. The DS1085 works in both modes.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the
byte has been received. The master device must generate an extra clock pulse that is associated with this
acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into account. When the DS1085 EEPROM is being written to,
it is not able to perform additional responses. In this case, the slave DS1085 sends a not acknowledge to
any data transfer request made by the master. It resumes normal operation when the EEPROM operation
is complete.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com