Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 6Page - Dallas Semiconductor DS1085 Datasheet HTML 7Page - Dallas Semiconductor DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor DS1085 Datasheet HTML 10Page - Dallas Semiconductor DS1085 Datasheet HTML 11Page - Dallas Semiconductor DS1085 Datasheet HTML 12Page - Dallas Semiconductor DS1085 Datasheet HTML 13Page - Dallas Semiconductor DS1085 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DS1085
10 of 21
COMMAND SET
Data and control information is read from and written to the DS1085 in the format shown in Figure 3. To
write to the DS1085, the master issues the slave address of the DS1085 and the R/ W bit is set to 0. After
receiving an acknowledge, the bus master provides a command protocol. After receiving this protocol, the
DS1085 issues an acknowledge, and then the master can send data to the DS1085. If the DS1085 is to be
read, the master must send the command protocol as before, and then issue a repeat START condition and
then the control byte again, this time with the R/ W bit set to 1 to allow reading of the data from the
DS1085. The command set for the DS1085 is as follows:
Access DAC [08h]
If R/ W is 0, this command writes to the DAC register. After issuing this command, the next data byte
values are written into the DAC register. If R/ W is 1, the next data bytes read are the values stored in the
DAC register. This is a 2-byte transfer, the first byte contains the eight MSBs, the second byte contains
the two LSBs in the most significant positions of the data byte. The remaining six bits are ignored and
can be written with any value (if read, these bits are 0).
Access OFFSET [0Eh]
If R/ W is 0, this command writes to the OFFSET register. After issuing this command, the next data byte
value is written into the OFFSET register. If R/ W is 1, the next data byte read is the value stored in the
OFFSET register. This is a single byte transfer of which only the five LSBs (last five bits) are used. The
remaining three bits can be written with any value to complete the data byte (if read, these bits are 1).
Access DIV [01h]
If R/ W is 0, this command writes to the DIV register. After issuing this command, the next data byte
values are written into the DIV register. If R/ W is 1, the next data bytes read are the values stored in the
DIV register. This register has a 10-bit value. The upper eight bits are sent first, followed by a second
byte that contains the two LSBs of the register value in the most significant positions of the data byte.
The remaining six bits are ignored and can be set to any value (if read, these bits are 0).
Access MUX [02h]
If R/ W is 0, this command writes to the MUX register. After issuing this command, the next data byte
values are written into the MUX register. If R/ W is 1, the next data bytes read are the values stored in the
MUX register. This register has a 10-bit value. The upper eight bits are sent first, followed by a second
byte that contains the two LSBs of the register value in the most significant positions of the data byte.
The remaining six bits are ignored and can be set to any value (if read, these bits are 0).
Access ADDR [0Dh]
If R/ W is 0, this command writes to the ADDR register. After issuing this command, the next data byte
value is written into the ADDR register. If R/ W is 1, the next data byte read is the value stored in the
ADDR register. This is a single-byte transfer. This register has a 5-bit value, the first three bits of a write
can be any value followed by the five active bits (if read, the first three bits are 0).


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com