Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1085 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1085
Description  EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1085 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1085 Datasheet HTML 2Page - Dallas Semiconductor DS1085 Datasheet HTML 3Page - Dallas Semiconductor DS1085 Datasheet HTML 4Page - Dallas Semiconductor DS1085 Datasheet HTML 5Page - Dallas Semiconductor DS1085 Datasheet HTML 6Page - Dallas Semiconductor DS1085 Datasheet HTML 7Page - Dallas Semiconductor DS1085 Datasheet HTML 8Page - Dallas Semiconductor DS1085 Datasheet HTML 9Page - Dallas Semiconductor DS1085 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
DS1085
6 of 21
Table 6. FREQUENCY vs. OFFSET
DS1085Z-10
DS1085Z-25
DS1085Z-50
OFFSET
FREQUENCY
RANGE
FREQUENCY
RANGE
FREQUENCY
RANGE
OS - 10
OS - 9
OS - 8
OS - 7
OS - 6
61.4 to 71.6
51.2 to 76.8
38.4 to 89.6
OS - 5
66.5 to 76.8
57.6 to 83.2
44.8 to 96.0
OS - 4
71.6 to 81.9
64.0 to 89.6
51.2 to 102.4
OS - 3
76.7 to 87.0
70.4 to 96.0
57.6 to 108.8
OS - 2
81.9 to 92.1
76.8 to 102.4
64.0 to 115.2
OS - 1
87.0 to 97.2
83.2 to 108.8
70.4 to 121.6
OS*
92.1 to 102.3
89.6 to 115.2
76.8 to 128.0
OS + 1
97.2 to 107.5
96.0 to 121.6
83.2 to 134.4
OS + 2
102.3 to 112.6
102.4 to 128.0
89.6 to 140.8
OS + 3
107.5 to 117.7
108.8 to 134.4
96.0 to 147.2
OS + 4
112.6 to 122.8
115.2 to 140.8
102.4 to 153.6
OS + 5
117.7 to 127.9
121.6 to 147.2
108.8 to 160.0
OS + 6
122.8 to 133.1
128.0 to 153.6
115.2 to 166.4
*OS is the OFFSET default setting. OS is the integer value of the five MSBs of RANGE register.
These ranges include values outside the oscillator range of 66MHz to 133MHz. When using these ranges,
values of DAC must be chosen to keep the oscillator within range. Correct operation of the device is not
guaranteed outside the range 66MHz to 133MHz.
MUX WORD (Address 02h)
The MUX word controls several functions. Its bits are organized as follows:
MSB
LSB
MSB
LSB
NAME * PDN1 PDN0 SEL0
EN0
0M1
0M0
1M1
1M0
DIV1 ––––– –
Default
Setting
0
001100
000
XXXXXX
*This bit must be set to zero.
X = Don’t care.


Similar Part No. - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085LZ-12 MAXIM-DS1085LZ-12 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
DS1085L MAXIM-DS1085L Datasheet
325Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
021403
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
logo
Dallas Semiconductor
DS1099 DALLAS-DS1099 Datasheet
78Kb / 6P
   Low-Frequency Dual EconOscillator
logo
Maxim Integrated Produc...
DS1099 MAXIM-DS1099_V01 Datasheet
413Kb / 7P
   Low-Frequency Dual EconOscillator
19-7629; Rev 2; 5/15
DS1099 MAXIM-DS1099 Datasheet
119Kb / 6P
   Low-Frequency Dual EconOscillator
Rev 1; 9/07
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
   Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Dallas Semiconductor
DS1088L DALLAS-DS1088L Datasheet
193Kb / 5P
   Low-Cost Fixed-Frequency EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com