Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK541UC60C-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK541UC60C-E
Description  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK541UC60C-E Datasheet HTML 1Page - ON Semiconductor STK541UC60C-E Datasheet HTML 2Page - ON Semiconductor STK541UC60C-E Datasheet HTML 3Page - ON Semiconductor STK541UC60C-E Datasheet HTML 4Page - ON Semiconductor STK541UC60C-E Datasheet HTML 5Page - ON Semiconductor STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Publication Order Number :
STK541UC60C-E/D
©
Semiconductor Components Industries, LLC, 2015
February 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 13 of this data sheet.
www.onsemi.com
STK541UC60C-E
Overview
This “Inverter IPM” is highly integrated device containing all High Voltage (HV) control from HV-DC to 3-phase
outputs in a single SIP module (Single-In line Package). Output stage uses IGBT/FRD technology and implements
Under Voltage Protection (UVP) and Over Current Protection (OCP) with a Fault Detection output flag. Internal
Boost diodes are provided for high side gate boost drive.
Function
 Single control power supply due to Internal bootstrap circuit for high side pre-driver circuit
 All control input and status output are at low voltage levels directly compatible with microcontrollers
 Built-in cross conduction prevention
Certification
 UL Recognized (File Number : E339285)
Specifications
Absolute Maximum Ratings at Tc = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
P to N, surge < 500V
*1
450
V
Collector-emitter voltage
VCE
P to U,V,W or U,V,W to N
600
V
Output current
Io
P, N, U,V,W terminal current
±10
A
P, N, U,V,W terminal current at Tc = 100
C
±5
A
Output peak current
Iop
P, N, U,V,W terminal current for a Pulse width of 1ms
±20
A
Pre-driver voltage
VD1,2,3,4
VB1 to U, VB2 to V, VB3 to W, VDD to VSS
*2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3
0.3 to 7
V
FAULT terminal voltage
VFAULT
FAULT terminal
0.3 to VDD
V
Maximum power dissipation
Pd
IGBT per channel
22
W
Junction temperature
Tj
IGBT,FRD
150
C
Storage temperature
Tstg
40 to +125
C
Operating substrate temperature
Tc
IPM case temperature
40 to +100
C
Tightening torque
Case mounting screws
*3
0.9
Nm
Isolation Voltage
Vis
50Hz sine wave AC 1 minute
*4
2000
VRMS
Reference voltage is “VSS” terminal voltage unless otherwise specified.
*1: Surge voltage developed by the switching operation due to the wiring inductance between “P” and “N” terminal.
*2: VD1=VB1 to U, VD2=VB2 to V, VD3=VB3 to W, VD4=VDD to VSS terminal voltage.
*3: Flatness of the heat-sink should be less than 0.15mm.
*4: Test conditions : AC2500V, 1 second.
Inverter IPM
for 3-phase Motor Drive
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
Inverter Power H-IC
October,2013
More results

Similar Description - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com