Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK541UC60C-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # STK541UC60C-E
Description  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK541UC60C-E Datasheet(HTML) 5 Page - ON Semiconductor

  STK541UC60C-E Datasheet HTML 1Page - ON Semiconductor STK541UC60C-E Datasheet HTML 2Page - ON Semiconductor STK541UC60C-E Datasheet HTML 3Page - ON Semiconductor STK541UC60C-E Datasheet HTML 4Page - ON Semiconductor STK541UC60C-E Datasheet HTML 5Page - ON Semiconductor STK541UC60C-E Datasheet HTML 6Page - ON Semiconductor STK541UC60C-E Datasheet HTML 7Page - ON Semiconductor STK541UC60C-E Datasheet HTML 8Page - ON Semiconductor STK541UC60C-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STK541UC60C-E
www.onsemi.com
5
Module Pin-Out Description
Pin
Name
Description
1
Without Pin
2
VB3
High Side Floating Supply Voltage 3
3
W,VS3
Output 3 - High Side Floating Supply Offset Voltage
4
Without Pin
5
VB2
High Side Floating Supply voltage 2
6
V,VS2
Output 2 - High Side Floating Supply Offset Voltage
7
Without Pin
8
VB1
High Side Floating Supply voltage 1
9
U,VS1
Output 1 - High Side Floating Supply Offset Voltage
10
Without Pin
11
P
Positive Bus Input Voltage
12
Without Pin
13
N
Negative Bus Input Voltage
14
HIN1
Logic Input High Side Gate Driver - Phase U
15
HIN2
Logic Input High Side Gate Driver - Phase V
16
HIN3
Logic Input High Side Gate Driver - Phase W
17
LIN1
Logic Input Low Side Gate Driver - Phase U
18
LIN2
Logic Input Low Side Gate Driver - Phase V
19
LIN3
Logic Input Low Side Gate Driver - Phase W
20
FAULT
Fault output
21
ISO
Current monitor output
22
VDD
+15V Main Supply
23
VSS
Negative Main Supply


Similar Part No. - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
785Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
496Kb / 14P
Inverter Power H-IC
October,2013
More results

Similar Description - STK541UC60C-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com