Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK531U394A-E Datasheet(PDF) 13 Page - ON Semiconductor

Part # STK531U394A-E
Description  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK531U394A-E Datasheet(HTML) 13 Page - ON Semiconductor

Back Button STK531U394A-E Datasheet HTML 5Page - ON Semiconductor STK531U394A-E Datasheet HTML 6Page - ON Semiconductor STK531U394A-E Datasheet HTML 7Page - ON Semiconductor STK531U394A-E Datasheet HTML 8Page - ON Semiconductor STK531U394A-E Datasheet HTML 9Page - ON Semiconductor STK531U394A-E Datasheet HTML 10Page - ON Semiconductor STK531U394A-E Datasheet HTML 11Page - ON Semiconductor STK531U394A-E Datasheet HTML 12Page - ON Semiconductor STK531U394A-E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
STK531U394A-E
www.onsemi.com
13
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States
and/or other countries. SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of
SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent-Marking.pdf . SCILLC reserves the right to make changes without
further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose,
nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including
without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can
and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers,
employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of,
directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was
negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject toall
applicable copyright laws and is not for resale in any manner.
ORDERING INFORMATION
Device
Package
Shipping (Qty / Packing)
STK531U394A-E
SIP29 44x26.5
(Pb-Free)
11 / Tube


Similar Part No. - STK531U394A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
More results

Similar Description - STK531U394A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
PFC Converter Inverter IPM
November 2015- Rev. P0
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
Inverter IPM
February 2015 - Rev.1
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com