Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK531U394A-E Datasheet(PDF) 11 Page - ON Semiconductor

Part # STK531U394A-E
Description  Inverter IPM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK531U394A-E Datasheet(HTML) 11 Page - ON Semiconductor

Back Button STK531U394A-E Datasheet HTML 5Page - ON Semiconductor STK531U394A-E Datasheet HTML 6Page - ON Semiconductor STK531U394A-E Datasheet HTML 7Page - ON Semiconductor STK531U394A-E Datasheet HTML 8Page - ON Semiconductor STK531U394A-E Datasheet HTML 9Page - ON Semiconductor STK531U394A-E Datasheet HTML 10Page - ON Semiconductor STK531U394A-E Datasheet HTML 11Page - ON Semiconductor STK531U394A-E Datasheet HTML 12Page - ON Semiconductor STK531U394A-E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STK531U394A-E
www.onsemi.com
11
CB capacitor value calculation for bootstrap circuit
Calculate conditions
Capacitance calculation formula
Thus, the following formula are true
VBS
 CB  QG  IDMAX  TONMAX = UVLO  CB
therefore,
CB = (QG + IDMAX
 TONMAX) / (VBS  UVLO)
The relationship between TONMAX and CB becomes as follows. CB is recommended to be approximately 3 times the value calculated
above. The recommended value of CB is in the range of 1 to 47μF, however, this value needs to be verified prior to production.
Fig. 12 Tonmax - CB characteristic
Parameter
Symbol
Value
Unit
Upper side power supply.
VBS
15
V
Total gate charge of output power IGBT at 15V.
QG
132
nC
Upper limit power supply low voltage protection.
UVLO
12
V
Upper side power dissipation.
IDmax
400
μA
ON time required for CB voltage to fall from 15V to UVLO
TONmax
-
s
0.01
0.1
1
10
100
0.1
1
10
100
1000
Tonmax [ms]
CB vs Tonmax


Similar Part No. - STK531U394A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
More results

Similar Description - STK531U394A-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com