Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F4U3C2D-E Datasheet(PDF) 12 Page - ON Semiconductor

Part # STK5F4U3C2D-E
Description  Inverter Power IPM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3C2D-E Datasheet(HTML) 12 Page - ON Semiconductor

Back Button STK5F4U3C2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 9Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 10Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 11Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 12Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 13Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 14Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
STK5F4U3C2D-E
No.A2299-12/15
Io-f curve
Fig.12 Maximum sinusoidal phase current as function of switching frequency.
at Tc=100
C, Vcc=300V
Switching waveform
Fig. 13 IGBT Turn-on. Typical turn-on waveform. at Tc=100
C, Vcc=300V, Io=15A
Fig. 14 IGBT Turn-off. Typical turn-off waveform. at Tc=100
C, Vcc=300V, Io=15A
Turn on
Turn off
0
10
20
30
40
50
0
5
10
15
20
Switching Frequency : fc (KHz)
Motor Current vs. Frequency
(Sine wave oparation,Vcc=300V,cosθ=0.8,ON Duty=96%)


Similar Part No. - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3E2D-E ONSEMI-STK5F4U3E2D-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

Similar Description - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com