Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F4U3C2D-E Datasheet(PDF) 10 Page - ON Semiconductor

Part # STK5F4U3C2D-E
Description  Inverter Power IPM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3C2D-E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button STK5F4U3C2D-E Datasheet HTML 6Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 9Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 10Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 11Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 12Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 13Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
STK5F4U3C2D-E
No.A2299-10/15
Recommended Operating Conditions at Tc = 25C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
P to NU,NV,NW
0
280
450
V
Pre-driver supply voltage
VD1,2,3
VB1 –VS1,VB2 –VS2,VB3 –VS3
12.5
15
17.5
V
VD4
VDD – VSS *1
13.5
15
16.5
Input ON voltage
VIN(ON)
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
3.0
-
5.0
V
Input OFF voltage
VIN(OFF)
0
-
0.3
PWM frequency
fPWM
1.0
-
20
kHz
Dead time
DT
Turn-off to turn-on (external)
2
-
-
μs
Allowable input pulse width
PWIN
ON and OFF
1
-
-
Tightening torque
MT
‘M4’Type Screw
0.79
-
1.17
Nm
*1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA(DC), 0.5A(Peak).
Usage Precautions
1. This IPM includes internal bootstrap diodes and resistors. By adding a bootstrap capacitor “CB”, a high side drive
voltage is generated; each phase requires an individual bootstrap capacitor. The recommended value of CB is in the
range of 1 to 47μF (±20%), however this value needs to be verified prior to production. If selecting the capacitance
more than 47μF (±20%), connect a resistor (about 40Ω) in series between each 3-phase upper side power supply
terminals (VB1,2,3) and each bootstrap capacitor. When not using the bootstrap circuit, each upper side pre-drive
power supply requires n external independent power supply.
2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the
effect of surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF.
3. ”FAULT” (16pin) is open DRAIN output terminal (Active Low). Pull up resistor is recommended more than 5.6kΩ.
4. Inside the IPM, a thermistor used as the temperature monitor for internal substrate is connected between “TH1”
and “TH2” . Generally, one of terminals is connected to VSS, and the other is pulled up to external power supply
with pull-up resistor (Rp) externally. The temperature monitor example application is as follows please refer the
Fig.10 and Fig.11 below.
5. The pull-down resistor 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2kΩ to
3.3kΩ should be added to reduce the influence of external wiring noise.
6. As protection of IPM to unusual current by a short circuit etc, it recommended installing shunt resistors and an
over-current protection circuit outside. Moreover, for safety, a fuse on Vcc line is recommended.
7. Disconnection of terminals U, V, W, during normal motor operation will cause damage to IPM, use caution with this
connections.
8. The “ITRIP” terminal (17pin) is the input terminal to shut down. When VITRIP exceeds threshold (0.44V to 0.54V),
all IGBTs are turned off. And normal operation resumes 2ms(typ) after over current condition is removed. Therefore,
please turn all the input signal off (Low) in case of detecting error at the “FAULT” terminal.
9. When input pulse width is less than 1us, an output may not react to the pulse. (Both ON signal and OFF signal)
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3E2D-E ONSEMI-STK5F4U3E2D-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

Similar Description - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com