Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F4U3C2D-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK5F4U3C2D-E
Description  Inverter Power IPM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F4U3C2D-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK5F4U3C2D-E Datasheet HTML 1Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 2Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 3Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 4Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 5Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 6Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 7Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 8Page - ON Semiconductor STK5F4U3C2D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
30414HK No.A2299-1/15
Semiconductor Components Industries, LLC, 2014
March, 2014
Ver.1402018DS
http://onsemi.com
STK5F4U3C2D-E
Overview
This “Inverter Power IPM” is highly integrated device containing all High Voltage (HV) control from HV-DC to
3-phase outputs in a single DIP module (Dual-In line Package). Output stage uses IGBT/FRD technology and
implements Under Voltage Protection (UVP) and Over Current Protection (OCP) with a Fault Detection output flag.
Internal Boost diodes are provided for high side gate boost drive.
Function
 Single control power supply due to Internal bootstrap circuit for high side pre-driver circuit
 All control inputs and status outputs are at low voltage levels directly compatible with microcontrollers.
 A single power supply drive is enabled through the use of bootstrap circuits for upper power supplies
 Built-in dead-time for shoot-thru protection
 Having open emitter output for low side IGBTs; individual shunt resistor per phase for OCP
 Externally accessible embedded thermistor for substrate temperature measurement
 Shutdown function ‘ITRIP’ to disable all operations of the 6 phase output stage by external input
Certification
 UL1557 (File number: E339285).
Specifications
Absolute Maximum Ratings at Tc = 25
C
Parameter
Symbol
Remarks
Ratings
Unit
Supply voltage
VCC
P to NU,NV,NW, surge < 500V *1
450
V
Collector-emitter voltage
VCE
P to U,V,W, U to NU, V toNV, or W to NW
600
V
Output current
Io
P, NU,NV,NW,U,V,W terminal current.
±30
A
P, NU,NV,NW,U,V,W terminal current, Tc=100
C
±15
Output peak current
Iop
P, NU,NV,NW,U,V,W terminal current, PW=1ms.
±45
A
Pre-driver supply voltage
VD1,2,3,4
VB1-VS1,VB2-VS2,VB3-VS3,VDD-VSS *2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3, terminal.
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal.
0.3 to VDD
V
Maximum loss
Pd
IGBT per channel
56.8
W
Junction temperature
Tj
IGBT, FRD
150
C
Storage temperature
Tstg
40 to +125
C
Operating temperature
Tc
IPM case
20 to +100
C
Tightening torque
MT
A screw part at use M4 type screw *3
1.17
Nm
Withstand Voltage
Vis
50Hz sine wave AC 1 minute *4
2000
VRMS
Reference voltage is “VSS” terminal voltage unless otherwise specified.
*1: Surge voltage developed by the switching operation due to the wiring inductance between the P and N terminals.
*2: Terminal voltage: VD1=VB1-VS1, VD2=VB2-VS2, VD3=VB3-VS3, VD4=VDD-VSS.
*3: Flatness of the heat-sink should be 0.25mm and below.
*4. Test conditions: AC 2500V, 1 second.
Ordering number : EN*A2299
Thick-Film Hybrid IC
Inverter Power IPM
for 3-phase Motor Drive
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
ORDERING INFORMATION
See detailed ordering and shipping information on page 15 of this data sheet.
Advance Information
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3E2D-E ONSEMI-STK5F4U3E2D-E Datasheet
496Kb / 14P
   Inverter Power H-IC
October,2013
More results

Similar Description - STK5F4U3C2D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E3D-E ONSEMI-STK5F1U3E3D-E Datasheet
785Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com