Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F1U3E3D-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # STK5F1U3E3D-E
Description  Inverter Power IPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3E3D-E Datasheet(HTML) 3 Page - ON Semiconductor

  STK5F1U3E3D-E Datasheet HTML 1Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 2Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 3Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 4Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 5Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STK5F1U3E3D-E
www.onsemi.com
3
Notes
1. When the internal protection circuit operates, a Fault signal is turned ON (When the Fault terminal is low level,
Fault signal is ON state : output form is open DRAIN) but the Fault signal does not latch.After protection
operation ends,it returns automatically within about 18ms to 80ms and resumes operation beginning condition.
So, after Fault signal detection, set all input signals to OFF (Low) at once.However, the operation of pre-drive
power supply low voltage protection (UVLO:with hysteresis about 0.2V) is as follows.
Upper side:
The gate is turned off and will return to regular operation when recovering to the normal voltage, but the latch
will continue till the input signal will turn ‘low’.
Lower side:
The gate is turned off and will automatically reset when recovering to normal voltage. It does not depend on
input signal voltage.
2. When assembling the IPM on the heat sink with M4 type screw, tightening torque range is 0.79 Nm to 1.17 Nm.
3. The pre-drive low voltage protection is the feature to protect devices when the pre-driver supply voltage falls
due to an operating malfunction.
Pin Assignment
Pin No.
Name
Description
Pin No.
Name
Description
1
VB1
High side floating supply voltage 1
44
P
Positive bus input voltage
2
VS1
High side floating supply offset voltage
43
P
Positive bus input voltage
3
-
Without pin
42
P
Positive bus input voltage
4
VB2
High side floating supply voltage 2
41
-
Without pin
5
VS2
High side floating supply offset voltage
40
N
Negative bus input voltage
6
-
Without pin
39
N
Negative bus input voltage
7
VB3
High side floating supply voltage 3
38
N
Negative bus input voltage
8
VS3
High side floating supply offset voltage
37
-
Without pin
9
-
Without pin
36
U
U-phase output
10
HIN1
Logic input high side driver-Phase1
35
U
U-phase output
11
HIN2
Logic input high side driver-Phase2
34
U
U-phase output
12
HIN3
Logic input high side driver-Phase3
33
-
Without pin
13
LIN1
Logic input low side driver-Phase1
32
V
V-phase output
14
LIN2
Logic input low side driver-Phase2
31
V
V-phase output
15
LIN3
Logic input low side driver-Phase3
30
V
V-phase output
16
FAULT
Fault out (open drain)
29
-
Without pin
17
ISO
Current monitor pin
28
W
W-phase output
18
TH
Thermistor out
27
W
W-phase output
19
VDD
+15V main supply
26
W
W-phase output
20
VSS
Negative main supply
25
-
Without pin
21
ISD
Over-current protection level setting pin
24
NC
-
22
NC
-
23
NC
-


Similar Part No. - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

Similar Description - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com