Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F1U3E3D-E Datasheet(PDF) 10 Page - ON Semiconductor

Part # STK5F1U3E3D-E
Description  Inverter Power IPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3E3D-E Datasheet(HTML) 10 Page - ON Semiconductor

Back Button STK5F1U3E3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 9Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 10Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 11Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 12Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 13Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STK5F1U3E3D-E
www.onsemi.com
10
Recommended Operating Conditions at Tc = 25C
Parameter
Symbol
Conditions
Ratings
Unit
Min
Typ
Max
Supply voltage
VCC
P to N
0
280
450
V
Pre-driver supply voltage
VD1,2,3
VB1 to VS1, VB2 to VS2, VB3 to VS3
12.5
15
17.5
V
VD4
VDD to VSS *1
13.5
15
16.5
Input ON voltage
VIN(ON)
HIN1,HIN2,HIN3,
LIN1,LIN2,LIN3
3.0
-
5.0
V
Input OFF voltage
VIN(OFF)
0
-
0.8
PWM frequency
fPWM
1
-
20
kHz
Dead time
DT
Turn-off to turn-on (external)
2
-
-
μs
Allowable input pulse width
PWIN
ON pulse width/OFF pulse width
1
-
-
μs
Tightening torque
MT
‘M4’ type screw
0.79
-
1.17
Nm
*1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA (DC), 0.5A (Peak).
Usage Precautions
1. This IPM includes bootstrap diode and resistors. Therefore, by adding a capacitor “CB”, a high side drive voltage is
generated; each phase requires an individual bootstrap capacitor. The recommended value of CB is in the range of 1 to 47μF,
however this value needs to be verified prior to production. If selecting the capacitance more than 47μF (±20%), connect a
resistor (about 20Ω) in series between each 3-phase upper side power supply terminals (VB1,2,3) and each bootstrap
capacitor. When not using the bootstrap circuit, each upper side pre-drive power supply requires an external independent
power supply.
2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the effect of
surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF.
3. “ISO” (pin17) is terminal for current monitor.
4. “FAULT” (pin16) is open DRAIN output terminal. (Active Low). Pull up resistor is recommended more than 5.6kΩ.
5. Inside the IPM, a thermistor used as the temperature monitor for internal subatrate is connected between VSS terminal and
TH terminal, therefore, an external pull up resistor connected between the TH terminal and an external power supply should
be used. The temperature monitor example application is as follows, please refer the Fig.11, and Fig.12 below.
6. The pull down resistor of 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2k to 3.3kΩ
should be added to reduce the influence of external wiring noise.
7. The over-current protection feature is not intended to protect in exceptional fault condition. An external fuse is
recommended for safety.
8. When “N” and “VSS” terminal are short-circuited on the outside, level that over-current protection (ISD) might be changed
from designed value as IPM. Please check it in your set (“N” terminal and “VSS” terminal are connected in IPM).
9. The over-current protection function operates normally when an external resistor RSD is connected between ISD and VSS
terminals. Be sure to connect this resistor. The level of the overcurrent protection can be changed according to the RSD
value.
10. When input pulse width is less than 1.0μs, an output may not react to the pulse. (Both ON signal and OFF signal)
This data shows the example of the application circuit, does not guarantee a design as the mass production set.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

Similar Description - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com