Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F1U3E3D-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # STK5F1U3E3D-E
Description  Inverter Power IPM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3E3D-E Datasheet(HTML) 1 Page - ON Semiconductor

  STK5F1U3E3D-E Datasheet HTML 1Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 2Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 3Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 4Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 5Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Publication Order Number :
STK5F1U3E3D-E/D
www.onsemi.com
©
Semiconductor Components Industries, LLC, 2015
March 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 16 of this data sheet.
STK5F1U3E3D-E
Overview
This “Inverter Power IPM” is highly integrated device containing all High Voltage (HV) control from HV-DC to
3-phase outputs in a single DIP module (Dual-In line Package). Output stage uses IGBT/FRD technology and
implements Under Voltage Protection (UVP) and Over Current Protection (OCP) with a Fault Detection output flag.
Internal Boost diodes are provided for high side gate boost drive.
Function
 Single control power supply due to Internal bootstrap circuit for high side pre-driver circuit
 All control input and status output are at low voltage levels directly compatible with microcontrollers
 Built-in cross conduction prevention
 Externally accessible embedded thermistor for substrate temperature measurement
 The level of the over-current protection current is adjustable with the external resistor, “RSD”
 Low switching noise by optimized the gate resistor
Certification
 UL1557 (File Number: E339285)
Specifications
Absolute Maximum Ratings
at Tc = 25
C
Parameter
Symbol
Remarks
Ratings
Unit
Supply voltage
VCC
P to N, surge < 500V *1
450
V
Collector-emitter voltage
VCE
P to U,V,W or U,V,W to N
600
V
Output current
Io
P, N, U, V, W terminal current
±50
A
P, N, U, V, W terminal current, Tc=100
C
±25
Output peak current
Iop
P, N, U, V, W terminal current, PW=1ms
±76
A
Pre-driver supply voltage
VD1,2,3,4
VB1 to VS1,VB2 to VS2,VB3 to VS3,VDD to VSS *2
20
V
Input signal voltage
VIN
HIN1, 2, 3, LIN1, 2, 3
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal
0.3 to VDD
V
Maximum loss
Pd
IGBT per channel
67.5
W
Junction temperature
Tj
IGBT,FRD
150
C
Storage temperature
Tstg
40 to +125
C
Operating temperature
Tc
IPM case
20 to +100
C
Tightening torque
MT
A screw part at use M4 type screw *3
1.17
Nm
Withstand voltage
Vis
50Hz sine wave AC 1 minute *4
2000
VRMS
Reference voltage is N terminal = VSS terminal voltage unless otherwise specified.
*1: Surge voltage developed by the switching operation due to the wiring inductance between the P and N terminals.
*2: Terminal voltage: VD1=VB1
VS1, VD2=VB2VS2, VD3=VB3VS3, VD4=VDDVSS.
*3: Flatness of the heat-sink should be 0.25mm and below.
*4: Test conditions: AC 2500V, 1 second.
Inverter Power IPM
for 3-phase Motor Drive
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
More results

Similar Description - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
PFC Converter Inverter IPM
November 2015- Rev. P0
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
Inverter Power IPM
March 2015 - Rev. 1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
Inverter IPM
February 2015 - Rev.1
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com