Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK5F1U3E3D-E Datasheet(PDF) 5 Page - ON Semiconductor

Part # STK5F1U3E3D-E
Description  Inverter Power IPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5F1U3E3D-E Datasheet(HTML) 5 Page - ON Semiconductor

  STK5F1U3E3D-E Datasheet HTML 1Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 2Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 3Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 4Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 5Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 6Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 7Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 8Page - ON Semiconductor STK5F1U3E3D-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STK5F1U3E3D-E
www.onsemi.com
5
Test Circuit
(The tested phase: U+ shows the upper side of the U phase and U
 shows the lower side of the U phase.)
 ICE / IR(BD)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
38
38
38
U(BD)
V(BD)
W(BD)
M
1
4
7
N
20
20
20
 VCE(SAT) (Test by pulse)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
17
19
21
m
10
11
12
13
14
15
 VF (Test by pulse)
U+
V+
W+
U-
V-
W-
M
42
42
42
34
30
26
N
34
30
26
38
38
38
 ID
VD1
VD2
VD3
VD4
M
1
4
7
19
N
2
5
8
20
ICE
1
M
A
VD1=15V
2
4
VD2=15V
5
VCE
7
VD3=15V
8
19
VD4=15V
20
N
1
M
VD1=15V
2
4
VD2=15V
5
V
Ic
7
VD3=15V
VCE(SAT)
8
19
VD4=15V
5V
m
N
20
21
M
V
VF
IF
N
ID
A
M
VD*
N
Fig.1
Fig.3
Fig.4
Fig.2


Similar Part No. - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
More results

Similar Description - STK5F1U3E3D-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK5F4U3C2D-E ONSEMI-STK5F4U3C2D-E Datasheet
376Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3C3D-E ONSEMI-STK5F1U3C3D-E Datasheet
805Kb / 16P
   Inverter Power IPM
March 2015 - Rev. 1
STK5F1U3E2D-E ONSEMI-STK5F1U3E2D-E Datasheet
480Kb / 15P
   Inverter Power IPM
March 2015 - Rev. 1
STK531U394A-E ONSEMI-STK531U394A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK541UC60C-E ONSEMI-STK541UC60C-E Datasheet
291Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK531U369A-E ONSEMI-STK531U369A-E Datasheet
271Kb / 13P
   Inverter IPM
February 2015 - Rev.1
STK57FU394A-E ONSEMI-STK57FU394A-E Datasheet
285Kb / 15P
   PFC Converter Inverter IPM
November 2015- Rev. P0
NFAM3512L7B ONSEMI-NFAM3512L7B Datasheet
734Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 35 A
September, 2023 - Rev. 0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
   Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com