Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ76PL455A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455A
Description  16-Cell Industrial Integrated Battery Monitor
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455A Datasheet(HTML) 1 Page - Texas Instruments

  BQ76PL455A Datasheet HTML 1Page - Texas Instruments BQ76PL455A Datasheet HTML 2Page - Texas Instruments BQ76PL455A Datasheet HTML 3Page - Texas Instruments BQ76PL455A Datasheet HTML 4Page - Texas Instruments BQ76PL455A Datasheet HTML 5Page - Texas Instruments BQ76PL455A Datasheet HTML 6Page - Texas Instruments BQ76PL455A Datasheet HTML 7Page - Texas Instruments BQ76PL455A Datasheet HTML 8Page - Texas Instruments BQ76PL455A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
To Additional
Battery Monitors
Differential
Signaling
Daisy-Chain
C e l l B a l a n c i n g C i r c u i t s
L o w P a s s F i l t e r s -
P r o t e c t i o n
Cell Temperature
Measurement
COMMH±
COMMH+
FAULTH+
FAULTH±
All GND connections
are local to this IC. See
text for layout details.
Highest Cell
(VSENSE16)
C e l l B a l a n c i n g C i r c u i t s
L o w P a s s F i l t e r s -
P r o t e c t i o n
Cell Temperature
Measurement
COMMH±
COMMH+
FAULTH+
FAULTH±
Highest Cell
(VSENSE16)
High
Current
Bus
VP
CAN Bus, etc.
Texas Instruments
µC
C2000Œ
TMS570Œ
I/O Power
Supply
FAULTL±
FAULTL+
GND
COMML±
COMML+
COMML+
COMML±
GND
FAULTL±
FAULTL+
All GND connections
are local to this IC. See
text for layout details.
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq76PL455A
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
bq76PL455A 16-Cell Industrial Integrated Battery Monitor with Passive Cell Balancing
1
1 Features
1
Monitors and Balances 6-to-16 Cells per Device
Highly Accurate Monitoring
High Performance 14-bit Analog-to-Digital
Converter (ADC) With Internal Reference
All Cells Converted in 2.4 ms (Nominal)
Eight AUX Inputs for Temperature and Other
Sensors with Input Voltage of 0 V to 5 V
Internal Precision Reference
Integrated Protector With Separate Vref for
Overvoltage (OV) and Undervoltage (UV)
Comparators and Programmable VCELL Set Points
Engineered for High System Robustness
Up to 1-Mb/s Stackable Isolated Differential-
UART
Up to 16 ICs in Daisy-Chain With Twisted Pair
Passes Bulk Current Injection (BCI) Test
Designed for Robust Hot-Plug Performance
Passive Balancing with External n-FETs and
Active Balancing with EMB1428Q/EMB1499Q
2 Applications
Energy Storage (ESS) and UPS
E-Bikes, E-Scooters
3 Description
The bq76PL455A device is an integrated 16-cell
battery monitoring and protection device, designed for
high-reliability, high-voltage industrial applications.
The integrated high-speed, differential, capacitor-
isolated
communications
interface
allows
up
to
sixteen bq76PL455A devices to communicate with a
host
through
a
single
high-speed
Universal
Asynchronous
Receiver/Transmitter
(UART)
interface.
The bq76PL455A monitors and detects several
different
fault
conditions,
including:
overvoltage,
undervoltage, overtemperature, and communication
faults. Six GPIO ports as well as eight analog AUX
ADC inputs are included for additional monitoring and
programmable functionality. A secondary thermal
shutdown is included for further protection.
The bq76PL455A has features that customers may
find useful to help them meet functional safety
standard
requirements.
See
Safety
Manual
for
bq76PL455A-Q1 (SLUUB67).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq76PL455A
TQFP (80)
12.00 mm × 12.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCRQ1 TI1-BQ76PL455ATPFCRQ1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCTQ1 TI1-BQ76PL455ATPFCTQ1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
More results

Similar Description - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
[Old version datasheet]   16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
   Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
   Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76920 TI1-BQ76920 Datasheet
1Mb / 63P
[Old version datasheet]   15-Series Cell Battery Monitor Family
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Texas Instruments
BQ79616 TI-BQ79616 Datasheet
4Mb / 216P
[Old version datasheet]   BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector
JUNE 2023
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
   16-Channel Multicell Battery Monitor
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
   16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
   18-Cell Battery Monitor with Daisy Chain Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com