Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ76PL455A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ76PL455A
Description  16-Cell Industrial Integrated Battery Monitor
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ76PL455A Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ76PL455A Datasheet HTML 3Page - Texas Instruments BQ76PL455A Datasheet HTML 4Page - Texas Instruments BQ76PL455A Datasheet HTML 5Page - Texas Instruments BQ76PL455A Datasheet HTML 6Page - Texas Instruments BQ76PL455A Datasheet HTML 7Page - Texas Instruments BQ76PL455A Datasheet HTML 8Page - Texas Instruments BQ76PL455A Datasheet HTML 9Page - Texas Instruments BQ76PL455A Datasheet HTML 10Page - Texas Instruments BQ76PL455A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
7
bq76PL455A
www.ti.com
SLUSCL0A – SEPTEMBER 2016 – REVISED OCTOBER 2016
Product Folder Links: bq76PL455A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Unless otherwise noted, voltages are given with respect to device commons (AGND1–3, DGND1–3, CGND) tied together (device VSS
or GND).
(3)
Specified by design, not tested in production.
(4)
Must meet all stated conditions for the TOP pin at all times.
(5)
Must short the highest-connected cell to the unused VSENSEn inputs above it in configurations that use < 16 cells. For example, a 14-
cell configuration must short pins VSENSE14, VSENSE15, VSENSE16.
6 Specifications
6.1 Absolute Maximum Ratings
over specified Ambient Temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VP
–0.3
6
V
VDIG
–0.3
6
V
VIO
–0.3
6
V
AUX0–7
Lesser of two MAX values
–0.3
6 or (VP + 0.3)
V
COMMH+, COMMH–, COMML+, COMMH–,
FAULTH+, FAULTH–, FAULTL+, FAULTL–
Lesser of two MAX values
–0.3
6 or (V5VAO + 0.3)
V
AC pulse specification(3) for these eight
pins only:
Vpk maximum ≤ 6.5 V for 100 ns or less,
100 kHz
≤ f ≤ 400 MHz
–0.3
6.5
Vpk
GPIO0–5
Lesser of two MAX values
–0.3
6 or (VIO + 0.3)
V
RX
Lesser of two MAX values
–0.3
6 or (VIO + 0.3)
V
TOP (4)
–0.3
88
V
TOP to VSENSE16 delta(4)(5)
(VSENSE16 + 5.5 V)
≥ TOP ≥
(VSENSE16 – 1 V)
(VSENSE16 – 1 V)
(VSENSE16 + 5.5 V)
V
VSENSE0
–0.3
0.3
V
VSENSEn – VSENSEn–1
n = 1 to 16
–0.3
5.5
V
n = 1 to 16, 0.1% duty cycle
–0.3
6.5
WAKEUP
–0.3
6
V
Ambient free-air temperature, TA
–40
105
⁰C
Junction temperature, TJ
–40
125
⁰C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins
±2000
V
Charged-device model (CDM),per JEDEC
specification JESD22-C101(2)
All pins except 1, 20, 21, 40, 41, 60, 61,
76, and 80
±500
Pin 76
±450
Corner pins (1, 20, 21, 40, 41, 60, 61,
and 80)
±750


Similar Part No. - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCRQ1 TI1-BQ76PL455ATPFCRQ1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
BQ76PL455ATPFCTQ1 TI1-BQ76PL455ATPFCTQ1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
More results

Similar Description - BQ76PL455A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ76PL455A-Q1 TI1-BQ76PL455A-Q1 Datasheet
2Mb / 130P
16-Cell EV/HEV Integrated Battery Monitor and Protector
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
AS8506 AMSCO-AS8506 Datasheet
921Kb / 89P
Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76920 TI1-BQ76920 Datasheet
1Mb / 63P
15-Series Cell Battery Monitor Family
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
logo
Texas Instruments
BQ79616 TI-BQ79616 Datasheet
4Mb / 216P
BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector
JUNE 2023
logo
Analog Devices
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
logo
Renesas Technology Corp
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
16-Cell Battery Front End
Feb 3, 2022
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com