Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65011RGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65011RGZR
Description  Power and Battery Management IC For Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65011RGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65011RGZR Datasheet HTML 6Page - Texas Instruments TPS65011RGZR Datasheet HTML 7Page - Texas Instruments TPS65011RGZR Datasheet HTML 8Page - Texas Instruments TPS65011RGZR Datasheet HTML 9Page - Texas Instruments TPS65011RGZR Datasheet HTML 10Page - Texas Instruments TPS65011RGZR Datasheet HTML 11Page - Texas Instruments TPS65011RGZR Datasheet HTML 12Page - Texas Instruments TPS65011RGZR Datasheet HTML 13Page - Texas Instruments TPS65011RGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
(SET _ TERM)
(TERM)
(ISET)
KSET V
I
R
´
=
(SET _ TAPER)
(TAPER)
(ISET)
KSET V
I
R
´
=
(3)
(4)
TPS65011
SLVS501B – FEBRUARY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Battery Charger Electrical Characteristics (continued)
VO(REG) + V(DO-MAX)≤ V(CHG) = V(AC) or V(USB), I(TERM) <IO≤ 1 A, 0°C < TA< 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGE TAPER AND TERMINATION DETECTION
I(TAPER)
Taper current detect range (3)
VI(OUT) > V(RCH), t < t(TAPER)
10
100
mA
Voltage at ISET pin for charge TAPER
V(SET_TAPER)
VI(OUT) > V(RCH), t < t(TAPER)
235
250
265
mV
detection
Voltage at ISET pin for charger termination
V(SET_TERM)
VI(OUT) > V(RCH)
11
18
25
mV
detection(4)
V(CHG)min ≥ 4.5V, charging current
increasing or decreasing above and
De-glitch time for I(TAPER)
8.8
23
60
ms
below; 100-ns fall time, 10-mV
overdrive
V(CHG)min ≥ 4.5 V, charging current
De-glitch time for I(TERM)
decreasing below;100-ns fall time,
8.8
23
60
ms
10-mV overdrive
TEMPERATURE COMPARATOR
V(LTF)
Low (cold) temperature threshold
2.475
2.50
2.525
V
V(HTF)
High (hot) temperature threshold
0.485
0.5
0.515
V
I(TS)
TS current source
95
102
110
µA
De-glitch time for temperature fault
8.8
23
60
ms
BATTERY RECHARGE THRESHOLD
VO(REG) -
VO(REG) -
VO(REG) -
V(RCH)
Recharge threshold
V(CHG)min≥ 4.5 V
V
0.115
0.1
0.085
V(CHG)min ≥ 4.5 V, VI(OUT) decreasing
De-glitch time
below threshold; 100-ns fall time,
8.8
23
60
ms
10-mV overdrive
TIMERS
t(PRECHG)
Precharge timer
V(CHG)min ≥ 4.5 V
1500
1800
2160
s
t(TAPER)
Taper timer
V(CHG)min≥ 4.5 V
1500
1800
2160
s
t(CHG)
Charge timer
V(CHG)min≥ 4.5 V
15000
18000
21600
s
SLEEP AND STANDBY
V(CHG)
Sleep-mode entry threshold, PG output =
V(SLP-ENTRY)
2.3 V
≤ VI(OUT) ≤ VO(REG)
VI(OUT)
V
high
+150 mV
V(CHG)
V(SLP_EXIT)
Sleep-mode exit threshold,PG output = low
2.3 V
≤ VI(OUT)≤ VO(REG)
VI(OUT)+19
V
0 mV
AC or USB decreasing below
De-glitch time for sleep mode entry and exit
threshold; 100-ns fall time, 10-mV
8.8
23
60
ms
overdrive
Delay between valid USB voltage being
t(USB_DEL)
applied and start of charging process from
5
ms
USB
CHARGER POWER-ON-RESET, UVLO, AND V(IN) RAMP RATE
V(CHGUVLO)
Charger undervoltage lockout
V(CHG) decreasing
2.27
2.5
2.75
V
Hysteresis
27
mV
V(CHGOVLO)
Charger overvoltage lockout
V(AC) increasing
6.6
V
Hysteresis
0.5
V
CHARGER OVERTEMPERATURE SUSPEND
Temperature at which charger suspends
T(suspend)
145
°C
operation
T(hyst)
Hysteresis of suspend threshold
20
°C
LOGIC SIGNALS DEFMAIN, DEFCORE, PS_SEQ, IFLSB
10
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS65011


Similar Part No. - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65011RGZ TI-TPS65011RGZ Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com