Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65011RGZR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65011RGZR
Description  Power and Battery Management IC For Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65011RGZR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65011RGZR Datasheet HTML 1Page - Texas Instruments TPS65011RGZR Datasheet HTML 2Page - Texas Instruments TPS65011RGZR Datasheet HTML 3Page - Texas Instruments TPS65011RGZR Datasheet HTML 4Page - Texas Instruments TPS65011RGZR Datasheet HTML 5Page - Texas Instruments TPS65011RGZR Datasheet HTML 6Page - Texas Instruments TPS65011RGZR Datasheet HTML 7Page - Texas Instruments TPS65011RGZR Datasheet HTML 8Page - Texas Instruments TPS65011RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
TPS65011
SLVS501B – FEBRUARY 2004 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CHARGER SECTION
Charger input voltage from AC adapter. The AC pin can be left open or can be connected to
AC
40
I
ground if the charger is not used.
AGND2
44
Analog ground connection. All analog ground pins are connected internally on the chip.
ISET
37
I
External charge current setting resistor connection for use with AC adapter
PG
11
O
Indicates when a valid power supply is present for the charger (open drain)
Thermal Pad
-
Connect the thermal pad to GND
TS
38
I
Battery temperature sense input
Charger input voltage from USB port. The USB pin can be left open or can be connected to
USB
43
I
ground if the charger is not used.
VBAT_A
41
I
Sense input for the battery voltage. Connect directly with the battery.
VBAT_B
42
O
Power output of the battery charger. Connect directly with the battery.
SWITCHING REGULATOR SECTION
AGND3
45
Analog ground connection. All analog ground pins are connected internally on the chip.
L1_A
9
Switch pin of VMAIN converter. The VMAIN inductor is connected here.
L1_B
10
L2
4
Switch pin of VCORE converter. The VCORE inductor is connected here.
PGND1_A
15
Power ground for VMAIN converter
PGND1_B
16
PGND2
46
Power ground for VCORE converter
Power supply for digital and analog circuitry of MAIN and CORE DC-DC converters. This
VCC
6
I
must be connected to the same voltage supply as VINCORE and VINMAIN. Also supplies
serial interface block
VCORE
48
I
VCORE feedback voltage sense input, connect directly to VCORE
Input voltage for VCORE step-down converter. This must be connected to the same voltage
VINCORE
5
I
supply as VINMAIN and VCC.
VINMAIN_A
7
Input voltage for VMAIN step-down converter. This must be connected to the same voltage
I
supply as VINCORE and VCC.
VINMAIN_B
8
VMAIN
13
I
VMAIN feedback voltage sense input, connect directly to VMAIN
LDO REGULATOR SECTION
AGND1
21
Analog ground connection. All analog ground pins are connected internally on the chip.
VFB_LDO1
23
I
Feedback input from external resistive divider for LDO1
VINLDO1
22
I
Input voltage for LDO1
VINLDO2
19
I
Input voltage for LDO2
VLDO1
24
O
Output voltage for LDO1
VLDO2
20
O
Output and feedback voltage for LDO2
DRIVER SECTION
LED2
2
O
LED driver, with blink rate programmable via serial interface
VIB
3
O
Vibrator driver, enabled via serial interface
CONTROL AND I2C SECTION
BATT_COVER
39
I
Indicates if battery cover is in place
DEFCORE
1
I
Input signal indicating default VCORE voltage, 0 = 1.3 V, 1 = 1.6 V
DEFMAIN
12
I
Input signal indicating default VMAIN voltage, 0 = 1.8 V, 1 = 3.3 V
GPIO1
26
I/O
General-purpose open-drain input/output
GPIO2
25
I/O
General-purpose open-drain input/output
GPIO3
18
I/O
General-purpose open-drain input/output
GPIO4
17
I/O
General-purpose open-drain input/output
HOT_RESET
31
I
Push-button reset input used to reboot or wakeup processor via TPS65013
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS65011


Similar Part No. - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65011RGZ TI-TPS65011RGZ Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com