Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65011RGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65011RGZR
Description  Power and Battery Management IC For Li-Ion Powered Systems
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65011RGZR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65011RGZR Datasheet HTML 1Page - Texas Instruments TPS65011RGZR Datasheet HTML 2Page - Texas Instruments TPS65011RGZR Datasheet HTML 3Page - Texas Instruments TPS65011RGZR Datasheet HTML 4Page - Texas Instruments TPS65011RGZR Datasheet HTML 5Page - Texas Instruments TPS65011RGZR Datasheet HTML 6Page - Texas Instruments TPS65011RGZR Datasheet HTML 7Page - Texas Instruments TPS65011RGZR Datasheet HTML 8Page - Texas Instruments TPS65011RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Thermal
Pad
37
ISET
24
VLDO1
38
TS
23
VFB_LDO1
39
BATT_COVER
22
VINLDO1
40
AC
21
AGND1
41
VBAT_A
20
VLDO2
42
VBAT_B
19
VINLDO2
43
USB
18
GPIO3
44
AGND2
17
GPIO4
45
AGND3
16
PGND1_B
46
PGND2
15
PGND1_A
47
PB_ONOFF
14
PS_SEQ
48
VCORE
13
VMAIN
TPS65011
www.ti.com
SLVS501B – FEBRUARY 2004 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN With Exposed Thermal Pad
Top View
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65011


Similar Part No. - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65011RGZ TI-TPS65011RGZ Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results

Similar Description - TPS65011RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65013 TI-TPS65013 Datasheet
844Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI-TPS65012 Datasheet
1Mb / 51P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65012 TI1-TPS65012_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65011 TI-TPS65011 Datasheet
1,017Kb / 52P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65010 TI1-TPS65010_15 Datasheet
1Mb / 63P
[Old version datasheet]   Power and Battery Management IC for Li-Ion Powered Systems
TPS65014 TI-TPS65014 Datasheet
1,021Kb / 53P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65010 TI-TPS65010 Datasheet
1,006Kb / 50P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com