Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 24Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
19
(
B) HSDL-3602 Interoperability with
National Semiconductor
PC97338VJG SIO Evaluation Report
Introduction
The objective of this report is to
demonstrate the interoperability
of the HSDL-3602 IR transceiver
IR module as wireless communi-
cation ports at the speed of 2.4
kb/s - 4 Mb/s with NS’s
PC97338VJG Super I/O under
typical operating conditions.
Test Procedures
(1)
Two PC97338VJG evalua-
tion boards were connected
to the ISA Bus of two PCs
(Pentium 200 MHz) running
TXD (9)
MD0 (4)
MD1 (5)
RXD (8)
FIR_SEL (3)
GND (7)
AGND (2)
VCC (1)
LEDA (10)
R1
VCC
SP
HSDL-3602
CX1
CX2
NATIONAL
SEMICONDUCTOR
PC97338VJG
SUPER I/O
IRTX (63)
IRRX1 (65)
IRSL0 (66)
*
*
* MODE GROUND FOR
FULL POWER OPERATION
A0 - A3
RD, WR, CS
D0 - D7
DRQ
DACK, TC
IRQ
HSDL 3602
14.314 MHz
CLOCK
Microsoft’s DOS operating
system. One system with an
HSDL-3602 IR transceiver
connected to the
PC97338VJG evaluation
board will act as the master
device. Another system with
an HSDL-3602 IR trans-
ceiver connected to the
PC97338VJG will act as the
slave device (i.e. Device
Under Test).
(2)
The test software used in
this interoperability test is
provided by National Semi-
conductor. A file size of
1.7M byte from the master
device, with the
PC97338VJG performing
the framing, encoding is
transmitted to the slave
device. The slave device,
with the PC97338VJG per-
forming the decoding, and
CRC checksum, will receive
the file. The file is then
checked for error by com-
paring the received file with
the original file using the
DOS “fc” command.
(3)
The link distance is mea-
sured by adjusting the dis-
tance between the master
and slave for errorless data
communications.
HSDL-3602 Interoperability with NS
PC97338 Report
(i) Test Conditions
VCC = 3.0 – 3.6 V
RLED = 2.7
Optical transmitter pulse
width = 125 ns
Mode set to full power
(ii) Test Result
The interoperability test results
show that HSDL-3602 IR trans-
ceiver can operate
≥ 1.5 meter
link distance from 3 V to 3.6 V
with NS’s PC97338 at any IrDA
1.1 data rate without error.


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com