Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
14
Figure 4. Solder paste stencil aperture.
See Figure 4
t, nominal stencil thickness
l, length of aperture
mm
inches
mm
inches
0.152
0.006
2.8
± 0.05
0.110
± 0.002
0.127
0.005
3.4
± 0.05
0.134
± 0.002
w, the width of aperture is fixed at 0.70 mm (0.028 inches)
Aperture opening for shield pad is 2.8 mm x 2.35 mm as per land dimension.
2.0. Recommended solder paste/
cream volume for castellation joints
Based on calculation and experi-
ment, the printed solder paste
volume required per castellation
pad is 0.30 cubic mm (based on
either no-clean or aqueous solder
cream types with typically 60 to
65% solid content by volume).
2.1. Recommended Metal Solder
Stencil Aperture
It is recommended that only
0.152 mm (0.006 inches) or
0.127 mm (0.005 inches) thick
stencil be used for solder paste
printing. This is to ensure ad-
equate printed solder paste vol-
ume and no shorting. The
following combination of metal
stencil aperture and metal stencil
thickness should be used:
3.0. Pick and Place Misalignment
Tolerance and Product Self-Align-
ment after Solder Reflow
If the printed solder paste volume
is adequate, the unit will self-
align in the X-direction after sol-
der reflow. Units should be
properly reflowed in IR Hot Air
convection oven using the recom-
mended reflow profile. The di-
rection of board travel does not
matter.
APERTURE AS PER
LAND
SOLDER
PASTE
l
w
t (STENCIL THICKNESS)
Allowable Misalignment Tolerance
X-direction
≤ 0.2 mm (0.008 inches)
Theta-direction
± 2 degrees


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com