Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 18Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
13
• Adjacent land keep-out is the
maximum space occupied by
the unit relative to the land
pattern. There should be no
other SMD components within
this area.
•“h” is the minimum solder
resist strip width required to
1.2. Adjacent Land Keep-out and
Solder Mask Areas
Dim.
mm
inches
h
min. 0.2
min. 0.008
j
13.4
0.528
k
4.7
0.185
l
3.2
0.126
h
l
Rx LENS
Tx LENS
j
SOLDER
MASK
LAND
k
Y
avoid solder bridging adjacent
pads.
• It is recommended that
2 fiducial cross be placed at
mid-length of the pads for unit
alignment.
Note : Wet/Liquid Photo-Imagineable solder resist/mask is recommended.
Figure 3. HSDL-3602-007/-037 PCBA-Adjacent land keep-out and solder mask.


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
4 Mb/s Infrared Data Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com