Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
11
Reflow Profile
The reflow profile is a straight-
line representation of a nominal
temperature profile for a convec-
tive reflow solder process. The
temperature profile is divided
into four process zones, each
with different
∆T/∆time tempera-
ture change rates. The
∆T/∆time
rates are detailed in the following
table. The temperatures are mea-
sured at the component to
printed circuit board connections.
In process zone P1, the PC
board and HSDL-3602
castellation I/O pins are heated
to a temperature of 125
°C to
activate the flux in the solder
paste. The temperature ramp up
rate, R1, is limited to 4
°C per
second to allow for even heating
of both the PC board and
HSDL-3602 castellation I/O pins.
Process zone P2 should be of
sufficient time duration (> 60
seconds) to dry the solder paste.
The temperature is raised to a
level just below the liquidus point
of the solder, usually 170
°C
(338
°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of solder
to 230
°C (446°F) for optimum
results. The dwell time above the
liquidus point of solder should be
between 15 and 90 seconds. It
usually takes about 15 seconds to
assure proper coalescing of the
solder balls into liquid solder and
the formation of good solder
connections. Beyond a dwell time
0
t-TIME (SECONDS)
200
170
125
100
50
50
150
100
200
250
300
150
183
230
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
90 sec.
MAX.
ABOVE
183°C
MAX. 245°C
Maximum
Process Zone
Symbol
∆T
∆T/∆time
Heat Up
P1, R1
25˚C to 125˚C
4˚C/s
Solder Paste Dry
P2, R2
125˚C to 170˚C
0.5˚C/s
Solder Reflow
P3, R3
170˚C to 230˚C
4˚C/s
(245˚C at 10 seconds max.)
P3, R4
230˚C to 170˚C
–4˚C/s
Cool Down
P4, R5
170˚C to 25˚C
–3˚C/s
of 90 seconds, the intermetallic
growth within the solder connec-
tions becomes excessive,
resulting in the formation of weak
and unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the solder,
usually 170
°C (338°F), to allow
the solder within the connections
to freeze solid.
Process zone P4 is the cool
down after solder freeze. The
cool down rate, R5, from the
liquidus point of the solder to
25
°C (77°F) should not exceed
-3
°C per second maximum. This
limitation is necessary to allow
the PC board and HSDL-3602
castellation I/O pins to change
dimensions evenly, putting
minimal stresses on the
HSDL-3602 transceiver.


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com