Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
10
Moisture Proof Packaging
All HSDL-3602 options are shipped in moisture proof package. Once
opened, moisture absorption begins.
Baking Conditions
If the parts are not stored in dry
conditions, they must be baked
before reflow to prevent damage
to the parts.
Package
Temp.
Time
In reels
60
°C
≥ 48 hours
In bulk
100
°C
≥ 4 hours
125
°C
≥ 2 hours
150
°C
≥ 1 hour
Baking should be done only once.
Recommended Storage Conditions
Storage
10
°C to 30°C
Temperature
Relative
below 60% RH
Humidity
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within 3
days if stored at the recom-
mended storage conditions. If
times longer than 72 hours are
needed, the parts must be stored
in a dry box.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 72 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com