Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL3602 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL3602
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL3602 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSDL3602 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL3602 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5
Recommended Operating Conditions
Parameter
Symbol
Minimum
Maximum
Unit
Conditions
Operating Temperature
TA
–20
+70
˚C
Supply Voltage
VCC
2.7
3.6
V
Logic High Input Voltage
VIH
2 VCC/3
VCC
V
for TXD, MD0, MD1, and
FIR_SEL
Logic Low Transmitter
VIL
0VCC/3
V
Input Voltage
LED (Logic High) Current
ILEDA
400
650
mA
Pulse Amplitude
Receiver Signal Rate
0.0024
4
Mb/s
Electrical & Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Unspecified test conditions
can be anywhere in their operating range. All typical values are at 25˚C and 3.3 V unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Transceiver
Supply Current
Shutdown
ICC1
10
200
nA
VSD ≥ VCC – 0.5
Idle
ICC2
2.5
5
mA
VI(TXD) ≤ VIL, EI = 0
Digital Input
Logic
IL/IH
–1
1
µA0 ≤ VI ≤ VCC
Current
Low/High
Transmitter
Transmitter
Logic High
EIH
100
250
400
mW/sr
VIH = 3.0 V
Radiant
Intensity
ILEDA = 400 mA
Intensity
θ1/2 ≤ 15˚
Peak
λp
875
nm
Wavelength
Spectral Line
∆λ1/2
35
nm
Half Width
Viewing Angle
2
θ1/2
30
60
Optical
tpw (EI)
1.5
1.6
1.8
µs
tpw(TXD) = 1.6
µs at 115.2 kb/s
Pulse Width
148
217
260
ns
tpw(TXD) = 217 ns at 1.15 Mb/s
115
125
135
ns
tpw(TXD) = 125 ns at 4.0 Mb/s
Rise and
tr (EI),
40
ns
tpw(TXD) = 125 ns at 4.0 Mb/s
Fall Times
tf (EI)
tr/f(TXD) = 10 ns
Maximum
tpw (max)
20
50
µs
TXD pin stuck high
Optical
Pulse Width
LED Anode On State Voltage
VON(LEDA)
2.4
V
ILEDA = 400 mA, VI(TXD) ≥ VIH
LED Anode Off State Leakage
ILK(LEDA)
1
100
nA
VLEDA = VCC = 3.6 V,
Current
VI(TXD) ≤ VIL
˚


Similar Part No. - HSDL3602

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL3000 HP-HSDL3000 Datasheet
259Kb / 17P
   Data Compliant 115.2 kbps Infrared Transceiver
HSDL3208 HP-HSDL3208 Datasheet
265Kb / 18P
   Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
More results

Similar Description - HSDL3602

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com