Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM1200 Datasheet(PDF) 2 Page - Analog Devices

Part # ADUM1200
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200 Datasheet(HTML) 2 Page - Analog Devices

  ADUM1200 Datasheet HTML 1Page - Analog Devices ADUM1200 Datasheet HTML 2Page - Analog Devices ADUM1200 Datasheet HTML 3Page - Analog Devices ADUM1200 Datasheet HTML 4Page - Analog Devices ADUM1200 Datasheet HTML 5Page - Analog Devices ADUM1200 Datasheet HTML 6Page - Analog Devices ADUM1200 Datasheet HTML 7Page - Analog Devices ADUM1200 Datasheet HTML 8Page - Analog Devices ADUM1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics—5 V Operation................................ 3
Electrical Characteristics—3 V Operation................................ 5
Electrical Characteristics—Mixed 5 V/3 V or 3 V/5 V
Operation....................................................................................... 7
Package Characteristics ............................................................. 10
Regulatory Information............................................................. 10
Insulation and Safety-Related Specifications.......................... 10
DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation
Characteristics ............................................................................ 11
Recommended Operating Conditions .................................... 11
Absolute Maximum Ratings.......................................................... 12
ESD Caution................................................................................ 12
Pin Configurations and Function Descriptions ......................... 13
Typical Performance Characteristics ........................................... 14
Application Information................................................................ 15
PC Board Layout ........................................................................ 15
Propagation Delay-Related Parameters................................... 15
DC Correctness and Magnetic Field Immunity........................... 15
Power Consumption .................................................................. 16
Outline Dimensions ....................................................................... 17
Ordering Guide .......................................................................... 17
REVISION HISTORY
9/04—Data Sheet Changed from Rev. A to Rev. B
Changes to Table 5.......................................................................... 10
6/04—Data Sheet Changed from Rev. 0 to Rev. A
Changes to Format .............................................................Universal
Changes to General Description .................................................... 1
Changes to Electrical Characteristics—5 V Operation ............... 3
Changes to Electrical Characteristics—3 V Operation ............... 5
Changes to Electrical Characteristics—Mixed 5 V/3 V or
3 V/5 V Operation ............................................................................ 7
4/04—Revision 0: Initial Version


Similar Part No. - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com